Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38IB Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 14Page - Exar Corporation XRT83SL38IB Datasheet HTML 15Page - Exar Corporation XRT83SL38IB Datasheet HTML 16Page - Exar Corporation XRT83SL38IB Datasheet HTML 17Page - Exar Corporation XRT83SL38IB Datasheet HTML 18Page - Exar Corporation XRT83SL38IB Datasheet HTML 19Page - Exar Corporation XRT83SL38IB Datasheet HTML 20Page - Exar Corporation XRT83SL38IB Datasheet HTML 21Page - Exar Corporation XRT83SL38IB Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
XRT83SL38
16
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
CLKSEL0
CLKSEL1
CLKSEL2
A8
B8
C8
I
Clock Select inputs for Master Clock Synthesizer - Hardware mode
CLKSEL[2:0] are input signals to a programmable frequency synthesizer that can be
used to generate a master clock from an external accurate clock source according to
the table below.
In Hardware mode, the MCLKRATE control signal is generated from the state of
EQC[4:0] inputs.
In Host mode, the state of these pins are ignored and the master frequency PLL is con-
trolled by the corresponding interface bits. See
Table 36 register address 10000001
NOTE: These pins are internally pulled “Low” with a 50k
Ω resistor.
SIGNAL
NAME
LEAD #TYPE
DESCRIPTION
204 8
204 8
204 8
154 4
MCLK E1
kH z
8
16
16
56
8
56
64
64
128
256
256
128
2048
2048
1544
1544
M C LKT1
kH z
1544
X
X
X
1544
X
X
X
X
X
X
X
2 048
1 544
2 048
CLKOUT/
kH z
1 544
2 048
1 544
2 048
1 544
2 048
1 544
2 048
1 544
2 048
1 544
2 048
1 544
0
0
1
1
CLKS EL0
0
1
1
0
0
0
1
1
0
1
1
0
0
0
0
0
CLKSEL1
1
1
1
0
1
0
0
0
1
1
1
1
0
0
0
0
CLK SEL2
0
0
0
1
0
1
1
1
1
1
1
1
0
1
0
0
0
0
154 4
204 8
X
X
2 048
1 544
0
1
0
1
M C LKR ATE
1
0
1
0
0
1
0
1
1
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com