Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38IB Datasheet(PDF) 46 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 46 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 42Page - Exar Corporation XRT83SL38IB Datasheet HTML 43Page - Exar Corporation XRT83SL38IB Datasheet HTML 44Page - Exar Corporation XRT83SL38IB Datasheet HTML 45Page - Exar Corporation XRT83SL38IB Datasheet HTML 46Page - Exar Corporation XRT83SL38IB Datasheet HTML 47Page - Exar Corporation XRT83SL38IB Datasheet HTML 48Page - Exar Corporation XRT83SL38IB Datasheet HTML 49Page - Exar Corporation XRT83SL38IB Datasheet HTML 50Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
XRT83SL38
44
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
In the Remote Loop-Back mode if the jitter attenuator is selected in the transmit path, the receive data from the
Clock and Data Recovery block is looped back to the transmit path and is applied to the jitter attenuator using
RCLK as transmit timing. In this mode the transmit clock and data are also ignored, while RCLK and received
data will continue to be available at their respective output pins. Remote Loop-Back with the jitter attenuator
selected in the transmit path is shown in Figure 19.
DIGITAL LOOP-BACK (DLOOP)
Digital Loop-Back or Local Loop-Back allows the transmit clock and data to be looped back to the
corresponding receiver output pins through the encoder/decoder and jitter attenuator. In this mode, receive
data and clock are ignored, but the transmit data will be sent to the line uninterrupted. This loop back feature
allows users to configure the line interface as a pure jitter attenuator. The Digital Loop-Back signal flow is
shown in Figure 20.
FIGURE 19. REMOTE LOOP-BACK MODE WITH JITTER ATTENUATOR SELECTED IN TRANSMIT PATH
FIGURE 20. DIGITAL LOOP-BACK MODE WITH JITTER ATTENUATOR SELECTED IN TRANSMIT PATH
Tx
Decoder
Timing
Control
Rx
Clock &
Data
Recovery
JA
TPOS
TNEG
TCLK
RCLK
RPOS
RNEG
Encoder
TTIP
TRING
RTIP
RRING
Tx
Decoder
Timing
Control
Rx
Data &
Clock
Recovery
JA
TPOS
TNEG
TCLK
RCLK
RPOS
RNEG
Encoder
TTIP
TRING
RTIP
RRING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com