Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38IB Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 27Page - Exar Corporation XRT83SL38IB Datasheet HTML 28Page - Exar Corporation XRT83SL38IB Datasheet HTML 29Page - Exar Corporation XRT83SL38IB Datasheet HTML 30Page - Exar Corporation XRT83SL38IB Datasheet HTML 31Page - Exar Corporation XRT83SL38IB Datasheet HTML 32Page - Exar Corporation XRT83SL38IB Datasheet HTML 33Page - Exar Corporation XRT83SL38IB Datasheet HTML 34Page - Exar Corporation XRT83SL38IB Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
XRT83SL38
29
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TRANSMIT HDB3/B8ZS ENCODER
The Encoder function is available in both Hardware and Host modes on a per channel basis by controlling the
TNEG_n/CODES_n pin or CODES interface bit. The encoder is only available in single-rail mode. In E1 mode
and with HDB3 encoding selected, any sequence with four or more consecutive zeros in the input serial data
from TPOS_n/TDATA_n, will be removed and replaced with 000V or B00V, where “B” indicates a pulse
conforming with the bipolar rule and “V” representing a pulse violating the rule. An example of HDB3 Encoding
is shown in Table 3. In a T1 system, an input data sequence with eight or more consecutive zeros will be
removed and replaced using the B8ZS encoding rule. An example of Bipolar with 8 Zero Substitution (B8ZS)
encoding scheme is shown in Table 4. Writing a “1” into the CODES_n interface bit or connecting the TNEG_n/
CODES_n pin to a “High” level selects the AMI coding for both E1 or T1 systems.
DRIVER FAILURE MONITOR (DMO)
FIGURE 9. TRANSMIT CLOCK AND INPUT DATA TIMING
TABLE 3: EXAMPLES OF HDB3 ENCODING
NUMBER OF PULSE BEFORE NEXT 4 ZEROS
NEXT 4 BITS
Input
0000
HDB3 (case1)
odd
000V
HDB3 (case2)
even
B00V
TABLE 4: EXAMPLES OF B8ZS ENCODING
CASE 1
PRECEDING PULSE
NEXT 8 BITS
Input
+
00000000
B8ZS
000VB0VB
AMI Output
+
000+ -0- +
CASE 2
Input
-
00000000
B8ZS
000VB0VB
AMI Output
-
000- +0+ -
TCLK
R
TCLK
F
TCLK
TPOS/TDATA
or
TNEG
T
SU
T
HO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com