Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38IB Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 69Page - Exar Corporation XRT83SL38IB Datasheet HTML 70Page - Exar Corporation XRT83SL38IB Datasheet HTML 71Page - Exar Corporation XRT83SL38IB Datasheet HTML 72Page - Exar Corporation XRT83SL38IB Datasheet HTML 73Page - Exar Corporation XRT83SL38IB Datasheet HTML 74Page - Exar Corporation XRT83SL38IB Datasheet HTML 75Page - Exar Corporation XRT83SL38IB Datasheet HTML 76Page - Exar Corporation XRT83SL38IB Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
XRT83SL38
71
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
D3
MONITOR_3 Protected Monitoring: With protected monitoring enabled,
the receiver 7 inputs at RTIP_7 and RRING_7 are internally
connected to one of the other seven transmit and receive
channels.Receiver 7 recovers the input data and clock and
output them to RPOS_7/RNEG_7 and RCLK_7 respectively. In
addition, the data to be monitored can be routed to TTIP_7 and
TRING_7 by means of activating Remote Loop-Back for chan-
nel 7.
With MONITOR_[3:0] bits set to “0”, the Protected Monitoring
feature is disabled and the XRT83SL38 is configured as an
octal line transceiver.
Protected Monitoring Channel Select
R/W
0
D2
MONITOR_2 Protected Monitoring:
See description for MONITOR_3
R/W
0
D1
MONITOR_1 Protected Monitoring:
See description for MONITOR_3
R/W
0
D0
MONITOR_0 Protected Monitoring:
See description for MONITOR_3
R/W
0
TABLE 37: MICROPROCESSOR REGISTER #130, BIT DESCRIPTION
Monitor_3
Selection
0
0
0
0
No Monitoring
0
0
0
1
Receiver 0
0
0
1
0
Receiver 1
0
0
1
1
Receiver 2
0
1
0
0
Receiver 3
0
1
0
1
Receiver 4
0
1
1
0
Receiver 5
0
1
1
1
Receiver 6
1
0
0
0
No Monitoring
1
0
0
1
Transmitter 0
1
0
1
0
Transmitter 1
1
0
1
1
Transmitter 2
1
1
0
0
Transmitter 3
1
1
0
1
Transmitter 4
1
1
1
0
Transmitter 5
1
1
1
1
Transmitter 6
Monitor_2 Monitor_1 Monitor_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com