Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38IB Datasheet(PDF) 69 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 69 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 65Page - Exar Corporation XRT83SL38IB Datasheet HTML 66Page - Exar Corporation XRT83SL38IB Datasheet HTML 67Page - Exar Corporation XRT83SL38IB Datasheet HTML 68Page - Exar Corporation XRT83SL38IB Datasheet HTML 69Page - Exar Corporation XRT83SL38IB Datasheet HTML 70Page - Exar Corporation XRT83SL38IB Datasheet HTML 71Page - Exar Corporation XRT83SL38IB Datasheet HTML 72Page - Exar Corporation XRT83SL38IB Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
XRT83SL38
67
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
TABLE 35: MICROPROCESSOR REGISTER #128, BIT DESCRIPTION
REGISTER ADDRESS
10000000
NAME
FUNCTION
REGISTER
TYPE
RESET
VALUE
BIT #
D7
SR/DR
Single-rail/Dual-rail Select: Writing a “1” to this bit configures
all 8 channels in the XRT83SL38 to operate in the Single-rail
mode.
Writing a “0” configures the XRT83SL38 to operate in Dual-rail
mode.
R/W
0
D6
ATAOS
Automatic Transmit All Ones Upon RLOS: Writing a “1” to
this bit enables the automatic transmission of All "Ones" data
to the line for the channel that detects an RLOS condition.
Writing a “0” disables this feature.
R/W
0
D5
RCLKE
Receive Clock Edge: Writing a “1” to this bit selects receive
output data of all channels to be updated on the negative edge
of RCLK.
Wring a “0” selects data to be updated on the positive edge of
RCLK.
R/W
0
D4
TCLKE
Transmit Clock Edge: Writing a “0” to this bit selects transmit
data at TPOS_n/TDATA_n and TNEG_n/CODES_n of all
channels to be sampled on the falling edge of TCLK_n.
Writing a “1” selects the rising edge of the TCLK_n for sam-
pling.
R/W
0
D3
DATAP
DATA Polarity: Writing a “0” to this bit selects transmit input
and receive output data of all channels to be active “High”.
Writing a “1” selects an active “Low” state.
R/W
0
D2
Reserved
0
D1
GIE
Global Interrupt Enable: Writing a “1” to this bit globally
enables interrupt generation for all channels.
Writing a “0” disables interrupt generation.
R/W
0
D0
SRESET
Software Reset
μP Registers: Writing a “1” to this bit longer
than 10µs initiates a device reset through the microprocessor
interface. All internal circuits are placed in the reset state with
this bit set to a “1” except the microprocessor register bits.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com