Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38IB Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 26Page - Exar Corporation XRT83SL38IB Datasheet HTML 27Page - Exar Corporation XRT83SL38IB Datasheet HTML 28Page - Exar Corporation XRT83SL38IB Datasheet HTML 29Page - Exar Corporation XRT83SL38IB Datasheet HTML 30Page - Exar Corporation XRT83SL38IB Datasheet HTML 31Page - Exar Corporation XRT83SL38IB Datasheet HTML 32Page - Exar Corporation XRT83SL38IB Datasheet HTML 33Page - Exar Corporation XRT83SL38IB Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
XRT83SL38
28
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.0.2
ARBITRARY PULSE GENERATOR FOR T1 AND E1
The arbitrary pulse generator divides the pulse into eight individual segments. Each segment is set by a 7-Bit
binary word by programming the appropriate channel register. This allows the system designer to set the
overshoot, amplitude, and undershoot for a unique line build out. The MSB (bit 7) is a sign-bit. If the sign-bit is
set to “1”, the segment will move in a positive direction relative to a flat line (zero) condition. If this sign-bit is set
to “0”, the segment will move in a negative direction relative to a flat line condition. A pulse with numbered
segments is shown in Figure 8.
By default, the arbitrary segments are programmed to 0x00h. The transmitter outputs will result in an all zero pattern to the
line. For E1 arbitrary mode, see global register 0xC0h.
TRANSMITTER
DIGITAL DATA FORMAT
Both the transmitter and receiver can be configured to operate in dual or single-rail data formats. This feature is
available under both Hardware and Host control modes, on a global basis. The dual or single-rail data format
is determined by the state of the SR/DR pin in Hardware mode or SR/DR interface bit in the Host mode. In
single-rail mode, transmit clock and NRZ data are applied to TCLK_n and TPOS_n/TDATA_n pins respectively.
In single-rail and Hardware mode the TNEG_n/CODES_n input can be used as the CODES function. With
TNEG_n/CODES_n tied “Low”, HDB3 or B8ZS encoding and decoding are enabled for E1 and T1 modes
respectively. With TNEG_n/CODES_n tied “High”, the AMI coding scheme is selected. In both dual or single-
rail modes of operations, the transmitter converts digital input data to a bipolar format before being transmitted
to the line.
TRANSMIT CLOCK (TCLK) SAMPLING EDGE
Serial transmit data at TPOS_n/TDATA_n and TNEG_n/CODES_n are clocked into the XRT83SL38 under the
synchronization of TCLK_n. With a “0” written to the TCLKE interface bit, or by pulling the TCLKE pin “Low”,
input data is sampled on the falling edge of TCLK_n. The sampling edge is inverted with a “1” written to TCLKE
interface bit, or by connecting the TCLKE pin “High”.
FIGURE 8. ARBITRARY PULSE SEGMENT ASSIGNMENT
1
2
3
4
5
6
7
8
Segment
Register
1
0xn8
2
0xn9
3
0xna
4
0xnb
5
0xnc
6
0xnd
7
0xne
8
0xnf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com