Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL38IB Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT83SL38IB
Description  OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL38IB Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT83SL38IB Datasheet HTML 80Page - Exar Corporation XRT83SL38IB Datasheet HTML 81Page - Exar Corporation XRT83SL38IB Datasheet HTML 82Page - Exar Corporation XRT83SL38IB Datasheet HTML 83Page - Exar Corporation XRT83SL38IB Datasheet HTML 84Page - Exar Corporation XRT83SL38IB Datasheet HTML 85Page - Exar Corporation XRT83SL38IB Datasheet HTML 86Page - Exar Corporation XRT83SL38IB Datasheet HTML 87Page - Exar Corporation XRT83SL38IB Datasheet HTML 88Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
XRT83SL38
83
REV. 1.0.2
OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
MOTOROLA ASYCHRONOUS INTERFACE TIMING
The signals used in the Motorola microprocessor interface mode are: Address Strobe (AS), Data Strobe (DS),
Read/Write Enable (R/W), Chip Select (CS), Address and Data bits. The interface is compatible with the timing
of a Motorola 68000 microprocessor family with up to 16.67 MHz clock frequency. The interface timing is
shown in Figure 28 and Figure 29. The I/O specifications are shown in Table 52.
FIGURE 28. MOTOROLA 68K ASYNCHRONOUS PROGRAMMED I/O INTERFACE TIMING
TABLE 52: ASYNCHRONOUS - MOTOROLA 68K - INTERFACE TIMING SPECIFICATION
SYMBOL
PARAMETER
MIN
MAX
UNITS
t0
Valid Address to CS Falling Edge
0
-
ns
t1
CS Falling Edge to DS Assert
20
-
ns
t2
DS Assert to DTACK Assert
-
135
ns
NA
DS Pulse Width (t2)
135
-
ns
t3
CS Falling Edge to AS Falling Edge
0
-
ns
Reset pulse width - both Motorola and Intel Operations (see
Figure 29)
t9
Reset pulse width
10
µs
FIGURE 29. MICROPROCESSOR INTERFACE TIMING - RESET PULSE WIDTH
CS
ADD R[6:0]
DATA[7:0]
RD_D S
WR _R /W
RD Y_D TACK
Valid Data for Readback
Data Available to W rite Into the LIU
RE AD OP E RATION
W RITE O PE RATION
t
0
t
0
t
1
t
2
Valid Address
Valid Addres s
t
3
t
3
t
1
t
2
A LE_AS
Reset
T9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com