Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 28Page - Exar Corporation XRT86VL32IB Datasheet HTML 29Page - Exar Corporation XRT86VL32IB Datasheet HTML 30Page - Exar Corporation XRT86VL32IB Datasheet HTML 31Page - Exar Corporation XRT86VL32IB Datasheet HTML 32Page - Exar Corporation XRT86VL32IB Datasheet HTML 33Page - Exar Corporation XRT86VL32IB Datasheet HTML 34Page - Exar Corporation XRT86VL32IB Datasheet HTML 35Page - Exar Corporation XRT86VL32IB Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 155 page
background image
XRT86VL32
27
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 12: RECEIVE SIGNALING CHANGE REGISTER 0 (RSCR 0)
HEX ADDRESS: 0Xn10D
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Ch. 0
RUR
0
These bits indicate whether the Channel Associated signaling data,
associated with Time-Slots 0 through 7 within the incoming T1 data-
stream, has changed since the last read of this register, as depicted
below.
0 - CAS data (for Time-slots 0 through 7) has NOT changed since the
last read of this register.
1 - CAS data (for Time-slots 0 through 7) HAS changed since the last
read of this register.
NOTES: This register is only active if the incoming T1 data-stream is
using Channel Associated Signaling.
6
Ch. 1
RUR
0
5
Ch.2
RUR
0
4
Ch.3
RUR
0
3
Ch.4
RUR
0
2
Ch.5
RUR
0
1
Ch.6
RUR
0
0
Ch.7
RUR
0
TABLE 13: RECEIVE SIGNALING CHANGE REGISTER 1(RSCR 1)
HEX ADDRESS: 0Xn10E
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Ch.8
RUR
0
These bits indicate whether the Channel Associated signaling data,
associated with Time-Slots 8 through 15 within the incoming T1 data-
stream, has changed since the last read of this register, as depicted
below.
0 - CAS data (for Time-slots 8 through 15) has NOT changed since the
last read of this register.
1 - CAS data (for Time-slots 8 through 15) HAS changed since the last
read of this register.
This register is only active if the incoming T1 data-stream is using
Channel Associated Signaling.
6
Ch.9
RUR
0
5
Ch.10
RUR
0
4
Ch.11
RUR
0
3
Ch.12
RUR
0
2
Ch.13
RUR
0
1
Ch.14
RUR
0
0
Ch.15
RUR
0
TABLE 14: RECEIVE SIGNALING CHANGE REGISTER 2 (RSCR 2)
HEX ADDRESS: 0Xn10F
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
Ch.16
RUR
0
These bits indicate whether the Channel Associated signaling data, associ-
ated with Time-Slots 16 through 23 within the incoming T1 data-stream, has
changed since the last read of this register, as depicted below.
0 - CAS data (for Time-slots 16 through 23) has NOT changed since the last
read of this register.
1 - CAS data (for Time-slots 16 through 23) HAS changed since the last read
of this register.
NOTE:
This register is only active if the incoming T1 data-stream is using
Channel Associated Signaling.
6
Ch.17
RUR
0
5
Ch.18
RUR
0
4
Ch.19
RUR
0
3
Ch.20
RUR
0
2
Ch.21
RUR
0
1
Ch.22
RUR
0
0
Ch.23
RUR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com