Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 79Page - Exar Corporation XRT86VL32IB Datasheet HTML 80Page - Exar Corporation XRT86VL32IB Datasheet HTML 81Page - Exar Corporation XRT86VL32IB Datasheet HTML 82Page - Exar Corporation XRT86VL32IB Datasheet HTML 83Page - Exar Corporation XRT86VL32IB Datasheet HTML 84Page - Exar Corporation XRT86VL32IB Datasheet HTML 85Page - Exar Corporation XRT86VL32IB Datasheet HTML 86Page - Exar Corporation XRT86VL32IB Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 155 page
background image
XRT86VL32
78
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 58: LAPD BUFFER 0 CONTROL REGISTER (LAPDBCR0)
HEX ADDRESS: 0Xn600
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
LAPD Buffer 0
R/W
0
LAPD Buffer 0 (96-Bytes) Auto Incrementing
This register is used to transmit and receive LAPD messages within
buffer 0 of the HDLC controller. Any one of the three HDLC control-
ler can be chosen in the LAPD Select Register (0xn11B). Users
should determine the next available buffer by reading the BUFAVAL
bit (bit 7 of the Transmit Data Link Byte Count Register 1 (address
0xn114), Register 2 (0xn144) and Register 3 (0xn154) depending on
which HDLC controller is selected. If buffer 0 is available, writing to
buffer 0 will insert the message into the outgoing LAPD frame after
the LAPD message is sent and the data from the transmit buffer
cannot be retrieved.
After detecting the Receive end of transfer interrupt (RxEOT), users
should read the RBUFPTR bit (bit 7 of the Receive Data Link Byte
Count Register 1 (address 0xn115), Register 2 (0xn145), or Regis-
ter 3 (0xn155) depending on which HDLC controller is selected) to
determine which buffer contains the received LAPD message ready
to be read. If RBUFPTR bit indicates that buffer 0 is available to be
read, reading buffer 0 (Register 0xn600) continuously will retrieve
the entire received LAPD message.
NOTE:
When writing to or reading from Buffer 0, the register is
automatically incremented such that the entire 96 Byte
LAPD message can be written into or read from buffer 0
(Register 0xn600) continuously.
TABLE 59: LAPD BUFFER 1 CONTROL REGISTER (LAPDBCR1)
HEX ADDRESS: 0Xn700
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
LAPD Buffer 1
R/W
0
LAPD Buffer 1 (96-Bytes) Auto Incrementing
This register is used to transmit and receive LAPD messages within
buffer 1 of the HDLC controller. Any one of the three HDLC control-
ler can be is chosen in the LAPD Select Register (0xn11B). Users
should determine the next available buffer by reading the BUFAVAL
bit (bit 7 of the Transmit Data Link Byte Count Register 1 (address
0xn114), Register 2 (0xn144) and Register 3 (0xn154) depending on
which HDLC controller is selected. If buffer 1 is available, writing to
buffer 1 will insert the message into the outgoing LAPD frame after
the LAPD message is sent and the data from the transmit buffer 1
cannot be retrieved.
After detecting the Receive end of transfer interrupt (RxEOT), users
should read the RBUFPTR bit (bit 7 of the Receive Data Link Byte
Count Register 1 (address 0xn115), Register 2 (0xn145), or Regis-
ter 3 (0xn155) depending on which HDLC controller is selected) to
determine which buffer contains the received LAPD message ready
to be read. If RBUFPTR bit indicates that buffer 1 is available to be
read, reading buffer 1 (Register 0xn700) continuously will retrieve
the entire received LAPD message.
NOTE:
When writing to or reading from Buffer 0, the register is
automatically incremented such that the entire 96 Byte
LAPD message can be written into or read from buffer 0
(Register 0xn600) continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com