Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 80 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 80 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 76Page - Exar Corporation XRT86VL32IB Datasheet HTML 77Page - Exar Corporation XRT86VL32IB Datasheet HTML 78Page - Exar Corporation XRT86VL32IB Datasheet HTML 79Page - Exar Corporation XRT86VL32IB Datasheet HTML 80Page - Exar Corporation XRT86VL32IB Datasheet HTML 81Page - Exar Corporation XRT86VL32IB Datasheet HTML 82Page - Exar Corporation XRT86VL32IB Datasheet HTML 83Page - Exar Corporation XRT86VL32IB Datasheet HTML 84Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 155 page
background image
XRT86VL32
75
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
3-2
RxSIGC[1:0]]
R/W
00
Signaling conditioning [1:0]
These bits allow user to select the format of signaling substitution on
a per-channel basis, as presented in the table below.
1-0
RxSIGE[1:0]
R/W
00
Receive Signaling Extraction [1:0]
These bits control per-channel signaling extraction as presented in
the table below. Signaling information can be extracted to the
Receive Signaling Array Register (RSAR), the Receive Signaling
Output pin (RxSIG_n) if the Receive SIgnaling Interface is enable,
or the Receive Overhead Interface output (RxOH_n) if OH_ENB bit
is enabled. (bit 5 of this register).
TABLE 55: RECEIVE SIGNALING CONTROL REGISTER 0-23 (RSCR 0-23)
HEX ADDRESS: 0Xn3A0 TO 0XN3B7
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
RXSIGC[1:0]
SIGNALING SUBSTITUTION SCHEMES
00
Substitutes all signaling bits with one.
01
Enables 16-code (A,B,C,D) signaling substi-
tution.
Users must write to bits 3-0 in the Receive Sig-
naling Substitution Register (RSSR) to provide
the 16-code (A,B,C,D) signaling substitution val-
ues.
10
Enables 4-code (A,B) signaling substitution.
Users must write to bits 4-5 in the Receive Sig-
naling Substitution Register (RSSR) to provide
the 4-code (A,B) signaling substitution values.
11
Enables 2-code (A) signaling substitution.
Users must write to bit 6 in the Receive Signal-
ing Substitution Register (RSSR) to provide the
2-code (A) signaling substitution values.
RXSIGE[1:0]
SIGNALING EXTRACTION SCHEMES
00
No signaling information is extracted.
01
Enables 16-code (A,B,C,D) signaling
extraction.
All signaling bits A,B,C,D will be extracted.
10
Enables 4-code (A,B) signaling extraction
Only signaling bits A,B will be extracted.
11
Enables 2-code (A) signaling extraction
Only signaling bit A will be extracted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com