Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 43 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 43 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 39Page - Exar Corporation XRT86VL32IB Datasheet HTML 40Page - Exar Corporation XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 155 page
background image
XRT86VL32
38
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 25: CUSTOMER INSTALLATION ALARM GENERATION REGISTER (CIAGR)
HEX ADDRESS: 0Xn11C
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
[7:4] Reserved
-
-
Reserved
[3:2] CIAG
R/W
00
CI Alarm Transmit (Only in ESF)
These two bits are used to enable or disable AIS-CI or RAI-CI gen-
eration in T1 ESF mode only.
Alarm Indication Signal-Customer Installation (AIS-CI) and Remote
Alarm Indication-Customer Installation (RAI-CI) are intended for use
in a network to differentiate between an issue within the network or
the Customer Installation (CI).
AIS-CI
AIS-CI is an all ones signal with an embedded signature of
01111100 11111111 (right-to left) which recurs at 386 bit intervals in-
the DS-1 signal.
RAI-CI
Remote Alarm Indication - Customer Installation (RAI-CI) is a repeti-
tive pattern with a period of 1.08 seconds. It comprises 0.99 sec-
onds of RAI message (00000000 11111111 Right-to-left) and a 90
ms of RAI-CI signature (00111110 11111111 Right to left) to form a
RAI-CI signal. RAI-CI applies to T1 ESF framing mode only.
00/11 = Disables RAI-CI or AIS-CI alarms generation
01 = Enables unframed AIS-CI alarm generation
10 = Enables RAI-CI alarm generation
[1:0] CIAD
R/W
00
CI Alarm Detect (Only in ESF)
These two bits are used to enable or disable RAI-CI or AIS-CI alarm
detection in T1 ESF mode only.
00/11 = Disables the RAI-CI or AIS-CI alarm detection
01 = Enables the unframed AIS-CI alarm detection
10 = Enables the RAI-CI alarm detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com