Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 41Page - Exar Corporation XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 155 page
background image
XRT86VL32
40
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 27: GAPPED CLOCK CONTROL REGISTER (GCCR)
HEX ADDRESS: 0Xn11E
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
FrOutclk
R/W
0
Framer Output Clock Reference
This bit is used to enable or disable high-speed T1 rate on the
T1OSCCLK and the E1OSCCLK output pins.
By default, the output clock reference on T1OSCCLK and
E1OSCCLK output pins are set to 1.544MHz/2.048MHz respectively.
By setting this bit to a “1”, the output clock reference on the
T1OSCLK and the E1OSCCLK are changed to 49.408MHz/
65.536MHz respectively.
0 = Disables high-speed rate to be output on the T1OSCCLK and
E1OSCCLK output pins.
1 = Enables high-speed rate to be output on the T1OSCCLK and
E1OSCCLK output pins.
[6:2] Reserved
-
-
Reserved
1
TxGCCR
R/W
0
Transmit Gapped Clock Interface
This bit is used to enable or disable the transmit gapped clock inter-
face operating at 2.048Mbit/s in DS-1 mode. In this application, 63
gaps (missing data) are inserted so that the overall bit rate is reduced
to 1.544Mbit/s.
If the transmit Gapped Clock Interface is enabled:
TxMSYNC is used as the 2.048MHz Gapped Clock Input.
TxSER is used as the 2.048MHz Gapped Data Input.
TxSERCLK must be a 1.544MHz clock input.
0 = Disables the transmit gapped clock interface.
1 = Enables the transmit gapped clock interface.
0
RxGCCR
R/W
0
Receive Gapped Clock Interface
This bit is used to enable or disable the receive gapped clock inter-
face operating at 2.048Mbit/s in DS-1 mode. In this application, 63
gaps (missing data) are extracted so that the overall bit rate is
reduced to 1.544Mbit/s.
If the Receive Gapped Clock Interface is enabled:
RxSERCLK should be configured as a Gapped clock input at
2.048MHz so that a 2.048MHz Gapped Clock can be applied to the
Framer block.
RxSER is used as the 2.048MHz Gapped Data Output. The position
of the gaps will be determined by the gaps placed on RxSERCLK by
the user.
0 = Disables the Receive Gapped Clock Interface
1 = Enables the Receive Gapped Clock Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com