Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 46 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 46 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 42Page - Exar Corporation XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation XRT86VL32IB Datasheet HTML 50Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 155 page
background image
XRT86VL32
41
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 28: TRANSMIT INTERFACE CONTROL REGISTER (TICR)
HEX ADDRESS:0Xn120
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
TxSyncFrD
R/W
0
Tx Synchronous fraction data interface
This bit selects whether TxCHCLK or TxSERCLK will be used for fractional
data input if fractional interface is enabled. If TxSERCLK is selected to clock in
fractional data input, TxCHCLK will be used as an enable signal
0 = Fractional data Is clocked into the chip using TxChCLK if fractional data
interface is enabled.
1 = Fractional data is clocked into the chip using TxSerClk. TxChClk is used
as fractional data enable.
NOTE: The Time Slot Identifier Pins (TxChn[4:0]) still indicates the time slot
number if fractional data interface is not enabled. Fractional Interface
can be enabled by setting TxFr1544 to 1
6
Reserved
-
-
Reserved
5
TxPLClkEnb/
TxSync Is Low
R/W
0
Transmit payload clock enable/TxSYNC is Active Low
This exact function of this bit depends on whether the T1 framer is configured
to operate in base rate or high speed modes of operation.
If the T1 framer is configured to operate in base rate - TxPayload Clock:
This bit configures the framer to output a regular clock or a payload clock on
the transmit serial clock (TxSERCLK) pin when TxSERCLK is configured to be
an output.
0 = Configures the framer to output a 1.544MHz clock on the TxSERCLK pin
when TxSERCLK is configured as an output.
1 = Configures the framer to output a 1.544MHz clock on the TxSERCLK pin
when transmitting payload bits. There will be gaps on the TxSERCLK output
pin when transmitting overhead bits.
If the T1 framer is configured to operate in high-speed or multiplexed
modes - TxSYNC is Active Low:
This bit is used to select whether the transmit frame boundary (TxSYNC) is
active low or active high.
0 = Selects TxSync to be active “High”
1 = Selects TxSync to be active “Low”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com