Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 79 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 79 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 75Page - Exar Corporation XRT86VL32IB Datasheet HTML 76Page - Exar Corporation XRT86VL32IB Datasheet HTML 77Page - Exar Corporation XRT86VL32IB Datasheet HTML 78Page - Exar Corporation XRT86VL32IB Datasheet HTML 79Page - Exar Corporation XRT86VL32IB Datasheet HTML 80Page - Exar Corporation XRT86VL32IB Datasheet HTML 81Page - Exar Corporation XRT86VL32IB Datasheet HTML 82Page - Exar Corporation XRT86VL32IB Datasheet HTML 83Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 155 page
background image
XRT86VL32
74
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 55: RECEIVE SIGNALING CONTROL REGISTER 0-23 (RSCR 0-23)
HEX ADDRESS: 0Xn3A0 TO 0XN3B7
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
6
SIGC_ENB
R/W
0
Signaling substitution enable
This bit enables or disables signaling substitution on the receive
side on a per channel basis. Once signaling substitution is enabled,
received signaling bits ABCD will be substituted with the ABCD val-
ues in the Receive Substitution Signaling Register (RSSR).
Signaling substitution only occurs in the output PCM data
(RxSERn). Receive Signaling Array Register (RSAR - Address
0xn500-0xn51F) and the external Signaling bus (RxSIG_n) output
pin will not be affected.
0 = Disables signaling substitution on the receive side.
1 = Enables signaling substitution on the receive side.
5
OH_ENB
R/W
0
Signaling OH interface output enable
This bit enables or disables signaling information to output via the
Receive Overhead pin (RxOH_n) on a per channel basis. The sig-
naling information in the receive signaling array registers (RSAR -
Address 0xn500-0xn51F) is output to the receive overhead output
pin (RxOH_n) if this bit is enabled.
0 = Disables signaling information to output via RxOH_n.
1 = Enables signaling information to output via RxOH_n.
4
DEB_ENB
R/W
0
Per-channel debounce enable
This bit enables or disables the signaling debounce feature on a per
channel basis.
When this feature is enabled, the per-channel signaling state must
be in the same state for 2 superframes before the Receive Framer
updates signaling information on the Receive Signaling Array Regis-
ter (RSAR) and the Signaling Pin (RxSIGn). If the signaling bits for
two consecutive superframes are not the same, the current state of
RSAR and RxSIG will not change.
When this feature is disabled, RSAR and RxSIG will be updated as
soon as the receive signaling bits have changed.
0 = Disables the Signaling Debounce feature.
1 = Enables the Signaling Debounce feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com