Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation XRT86VL32IB Datasheet HTML 50Page - Exar Corporation XRT86VL32IB Datasheet HTML 51Page - Exar Corporation XRT86VL32IB Datasheet HTML 52Page - Exar Corporation XRT86VL32IB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
XRT86VL32
44
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
1-0
TxIMODE[1:0]
R/W
00
(Continued)
Transmit backplane interface signals include:
TxSERCLK is an input clock at 1.544MHz
TxMSYNC will become the highspeed input clock at 12.352 or 16.384MHz to
input high-speed multiplexed data on the back-plane interface
TxSYNC can be configured as a single frame or super-frame boundary,
depending on the setting of bit 5 of register 0xn109
TxSER is the high-speed data input
NOTE: In high speed mode, transmit data is sampled on the rising edge of the
12Mhz or 16MHz clock edge.
TABLE 28: TRANSMIT INTERFACE CONTROL REGISTER (TICR)
HEX ADDRESS:0Xn120
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
TABLE 30: TRANSMIT INTERFACE SPEED WHEN MULTIPLEXED MODE IS
ENABLED (TXMUXEN = 1)
TXIMODE[1:0]
TRANSMIT INTERFACE SPEED
00
Bit-Multiplexed Mode at 12.352MHz is Enabled:
Transmit backplane interface is taking four-channel mul-
tiplexed data at a rate of 12.352Mbit/s from channel 0
and bit-demultiplexing the serial data into 4 channels
and output to the line on channels 0 through 3. The
TxSYNC signal pulses “High” during the framing bit of
each DS-1 frame.
01
Bit-Multiplexed Mode at 16.384MHz is Enabled:
Transmit backplane interface is taking four-channel mul-
tiplexed data at a rate of 16.384Mbit/s from channel 0
and bit-demultiplexing the serial data into 4 channels
and output to the line on channels 0 through 3. The
TxSYNC signal pulses “High” during the framing bit of
each DS-1 frame.
10
HMVIP High-Speed Multiplexed Mode Enabled:
Transmit backplane interface is taking four-channel mul-
tiplexed data at a rate of 16.384Mbit/s from channel 0
and byte-demultiplexing the serial data into 4 channels
and output on channels 0 through 3. The TxSYNC signal
pulses “High” during the last two bits of the previous DS-
1 frame and the first two bits of the current DS-1 frame.
11
H.100 High-Speed Multiplexed Mode Enabled:
Transmit backplane interface is taking four-channel mul-
tiplexed data at a rate of 16.384Mbit/s from channel 0
and byte-demultiplexing the serial data into 4 channels
and output to the line on channels 0 through 3. The
TxSYNC signal pulses “High” during the last bit of the
previous DS-1 frame and the first bit of the current DS-1
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com