Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32IB Datasheet(PDF) 47 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 47 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 43Page - Exar Corporation XRT86VL32IB Datasheet HTML 44Page - Exar Corporation XRT86VL32IB Datasheet HTML 45Page - Exar Corporation XRT86VL32IB Datasheet HTML 46Page - Exar Corporation XRT86VL32IB Datasheet HTML 47Page - Exar Corporation XRT86VL32IB Datasheet HTML 48Page - Exar Corporation XRT86VL32IB Datasheet HTML 49Page - Exar Corporation XRT86VL32IB Datasheet HTML 50Page - Exar Corporation XRT86VL32IB Datasheet HTML 51Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 155 page
background image
XRT86VL32
42
REV. V1.2.0
DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
4
TxFr1544
R/W
0
Fractional/Signaling Interface Enabled
This bit is used to enable or disable the transmit fractional data interface, sig-
naling input, as well as the 32MHz transmit clock and the transmit overhead
Signal output.
0 = Configures the 5 time slot identifier pins (TxChn[4:0]) to output the channel
number as usual.
1 = Configures the 5 time slot identifier pins (TxChn[4:0]) to function as the fol-
lowing:
TxChn[0] becomes the Transmit Serial SIgnaling pin (TxSIG_n) for signaling
inputs. Signaling data can now be input from the TxSIG pin if configured
appropriately.
TxChn[1] becomes the Transmit Fractional Data Input pin (TxFrTD_n) for frac-
tional data input. Fractional data can now be input from the TxFrTD pin if con-
figured appropriately.
TxChn[2] becomes the 32 MHz transmit clock output
TxChn[3] becomes the Transmit Overhead Signal which pulses high on the
first bit of each multi-frame.
NOTE:
This bit has no effect in the high speed or multiplexed modes of
operation. In high-speed or multiplexed modes, TxCHN[0] functions
as TxSIGn for signaling input.
3
TxICLKINV
R/W
0
Transmit Clock Inversion (Backplane Interface)
This bit selects whether data transition will happen on the rising or falling edge
of the transmit clock.
0 = Selects data transition to happen on the rising edge of the transmit clocks.
1 = Selects data transition to happen on the falling edge of the transmit clocks.
NOTE:
This feature is only available for base rate configuration (i.e. non-
highspeed, and non-multiplexed modes).
2
TxMUXEN
R/W
0
Multiplexed Mode Enable
This bit enables or disables the multiplexed mode. When multiplexed mode is
enable, multiplexed data of four channels at 12.352 or 16.384MHz are demul-
tiplexed inside the transmit framer and sent to 2 channels on the line side. The
backplane speed will be running at either 12.352 or 16.384MHz depending on
the multiplexed mode selected by TxIMODE[1:0] of this register.
0 = Disables the multiplexed mode.
1 = Enables the multiplexed mode.
TABLE 28: TRANSMIT INTERFACE CONTROL REGISTER (TICR)
HEX ADDRESS:0Xn120
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com