Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 123 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 119Page - STMicroelectronics ISM330BX Datasheet HTML 120Page - STMicroelectronics ISM330BX Datasheet HTML 121Page - STMicroelectronics ISM330BX Datasheet HTML 122Page - STMicroelectronics ISM330BX Datasheet HTML 123Page - STMicroelectronics ISM330BX Datasheet HTML 124Page - STMicroelectronics ISM330BX Datasheet HTML 125Page - STMicroelectronics ISM330BX Datasheet HTML 126Page - STMicroelectronics ISM330BX Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 150 page
background image
11.37
MLC1_SRC (70h)
Machine learning core source register (R)
Table 263. MLC1_SRC register
MLC1_
SRC_7
MLC1_
SRC_6
MLC1_
SRC_5
MLC1_
SRC_4
MLC1_
SRC_3
MLC1_
SRC_2
MLC1_
SRC_1
MLC1_
SRC_0
Table 264. MLC1_SRC register description
MLC1_SRC_[7:0]
Output value of MLC1 decision tree
11.38
MLC2_SRC (71h)
Machine learning core source register (R)
Table 265. MLC2_SRC register
MLC2_
SRC_7
MLC2_
SRC_6
MLC2_
SRC_5
MLC2_
SRC_4
MLC2_
SRC_3
MLCS2_
SRC_2
MLC2_
SRC_1
MLC2_
SRC_0
Table 266. MLC2_SRC register description
MLC2_SRC_[7:0]
Output value of MLC2 decision tree
11.39
MLC3_SRC (72h)
Machine learning core source register (R)
Table 267. MLC3_SRC register
MLC3_
SRC_7
MLC3_
SRC_6
MLC3_
SRC_5
MLC3_
SRC_4
MLC3_
SRC_3
MLC3_
SRC_2
MLC3_
SRC_1
MLC3_
SRC_0
Table 268. MLC3_SRC register description
MLC3_SRC_[7:0]
Output value of MLC3 decision tree
11.40
MLC4_SRC (73h)
Machine learning core source register (R)
Table 269. MLC4_SRC register
MLC4_
SRC_7
MLC4_
SRC_6
MLC4_
SRC_5
MLC4_
SRC_4
MLC4_
SRC_3
MLC4_
SRC_2
MLC4_
SRC_1
MLC4_
SRC_0
Table 270. MLC4_SRC register description
MLC4_SRC_[7:0]
Output value of MLC4 decision tree
ISM330BX
Embedded functions register description
DS14588 - Rev 2
page 123/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com