Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 126 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 122Page - STMicroelectronics ISM330BX Datasheet HTML 123Page - STMicroelectronics ISM330BX Datasheet HTML 124Page - STMicroelectronics ISM330BX Datasheet HTML 125Page - STMicroelectronics ISM330BX Datasheet HTML 126Page - STMicroelectronics ISM330BX Datasheet HTML 127Page - STMicroelectronics ISM330BX Datasheet HTML 128Page - STMicroelectronics ISM330BX Datasheet HTML 129Page - STMicroelectronics ISM330BX Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 150 page
background image
13
Embedded advanced features register description
13.1
Page 0 - embedded advanced features registers
13.1.1
SFLP_GAME_GBIASX_L (6Eh) and SFLP_GAME_GBIASX_H (6Fh)
SFLP game algorithm X-axis gyroscope bias register (R/W)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent
bits; F: 10 fraction bits).
Table 273. SFLP_GAME_GBIASX_L register
GAME_
GBIASX_7
GAME_
GBIASX_6
GAME_
GBIASX_5
GAME_
GBIASX_4
GAME_
GBIASX_3
GAME_
GBIASX_2
GAME_
GBIASX_1
GAME_
GBIASX_0
Table 274. SFLP_GAME_GBIASX_L register description
GAME_GBIASX_[7:0]
SFLP game algorithm X-axis gbias: temporary register for gbias setting procedure (LSbyte).
Default value: 00000000
Table 275. SFLP_GAME_GBIASX_H register
GAME_
GBIASX_15
GAME_
GBIASX_14
GAME_
GBIASX_13
GAME_
GBIASX_12
GAME_
GBIASX_11
GAME_
GBIASX_10
GAME_
GBIASX_9
GAME_
GBIASX_8
Table 276. SFLP_GAME_GBIASX_H register description
GAME_GBIASX_[15:8]
SFLP game algorithm X-axis gbias: temporary register for gbias setting procedure (MSbyte).
Default value: 00000000
13.1.2
SFLP_GAME_GBIASY_L (70h) and SFLP_GAME_GBIASY_H (71h)
SFLP game algorithm Y-axis gyroscope bias register (R/W)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent
bits; F: 10 fraction bits).
Table 277. SFLP_GAME_GBIASY_L register
GAME_
GBIASY_7
GAME_
GBIASY_6
GAME_
GBIASY_5
GAME_
GBIASY_4
GAME_
GBIASY_3
GAME_
GBIASY_2
GAME_
GBIASY_1
GAME_
GBIASY_0
Table 278. SFLP_GAME_GBIASY_L register description
GAME_GBIASY_[7:0]
SFLP game algorithm Y-axis gbias: temporary register for gbias setting procedure (LSbyte).
Default value: 00000000
Table 279. SFLP_GAME_GBIASY_H register
GAME_
GBIASY_15
GAME_
GBIASY_14
GAME_
GBIASY_13
GAME_
GBIASY_12
GAME_
GBIASY_11
GAME_
GBIASY_10
GAME_
GBIASY_9
GAME_
GBIASY_8
Table 280. SFLP_GAME_GBIASY_H register description
GAME_GBIASY_[15:8]
SFLP game algorithm Y-axis gbias: temporary register for gbias setting procedure (MSbyte).
Default value: 00000000
ISM330BX
Embedded advanced features register description
DS14588 - Rev 2
page 126/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com