Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 127 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 123Page - STMicroelectronics ISM330BX Datasheet HTML 124Page - STMicroelectronics ISM330BX Datasheet HTML 125Page - STMicroelectronics ISM330BX Datasheet HTML 126Page - STMicroelectronics ISM330BX Datasheet HTML 127Page - STMicroelectronics ISM330BX Datasheet HTML 128Page - STMicroelectronics ISM330BX Datasheet HTML 129Page - STMicroelectronics ISM330BX Datasheet HTML 130Page - STMicroelectronics ISM330BX Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 150 page
background image
13.1.3
SFLP_GAME_GBIASZ_L (72h) and SFLP_GAME_GBIASZ_H (73h)
SFLP game algorithm Z-axis gyroscope bias register (R/W)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent
bits; F: 10 fraction bits).
Table 281. SFLP_GAME_GBIASZ_L register
GAME_
GBIASZ_7
GAME_
GBIASZ_6
GAME_
GBIASZ_5
GAME_
GBIASZ_4
GAME_
GBIASZ_3
GAME_
GBIASZ_2
GAME_
GBIASZ_1
GAME_
GBIASZ_0
Table 282. SFLP_GAME_GBIASZ_L register description
GAME_GBIASZ_[7:0]
SFLP game algorithm Z-axis gbias: temporary register for gbias setting procedure (LSbyte).
Default value: 00000000
Table 283. SFLP_GAME_GBIASZ_H register
GAME_
GBIASZ_15
GAME_
GBIASZ_14
GAME_
GBIASZ_13
GAME_
GBIASZ_12
GAME_
GBIASZ_11
GAME_
GBIASZ_10
GAME_
GBIASZ_9
GAME_
GBIASZ_8
Table 284. SFLP_GAME_GBIASZ_H register description
GAME_GBIASZ_[15:8]
SFLP game algorithm Z-axis gbias: temporary register for gbias setting procedure (MSbyte).
Default value: 00000000
13.1.4
FSM_QVAR_SENSITIVITY_L (BAh) and FSM_QVAR_SENSITIVITY_L (BBh)
Qvar sensor sensitivity value register for the finite state machine (R/W)
This register corresponds to the conversion value of the Qvar sensor. The register value is expressed as half-
precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
The default value of FSM_QVAR_S_[15:0] bits is 0x1624.
Table 285. FSM_QVAR_SENSITIVITY_L register
FSM_QVAR_
S_7
FSM_QVAR_
S_6
FSM_QVAR_
S_5
FSM_QVAR_
S_4
FSM_QVAR_
S_3
FSM_QVAR_
S_2
FSM_QVAR_
S_1
FSM_QVAR_
S_0
Table 286. FSM_QVAR_SENSITIVITY_L register description
FSM_QVAR_S_[7:0]
Qvar sensor sensitivity (LSbyte). Default value: 00100100
Table 287. FSM_QVAR_SENSITIVITY_H register
FSM_QVAR_
S_15
FSM_QVAR_
S_14
FSM_QVAR_
S_13
FSM_QVAR_
S_12
FSM_QVAR_
S_11
FSM_QVAR_
S_10
FSM_QVAR_
S_9
FSM_QVAR_
S_8
Table 288. FSM_QVAR_SENSITIVITY_H register description
FSM_QVAR_S_[15:8]
Qvar sensor (MSbyte). Default value: 00010110
ISM330BX
Embedded advanced features register description
DS14588 - Rev 2
page 127/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com