Electronic Components Datasheet Search
  English  ▼

X  

AD5124 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5124
Description  Single-Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5124 Datasheet HTML 15Page - Analog Devices AD5124 Datasheet HTML 16Page - Analog Devices AD5124 Datasheet HTML 17Page - Analog Devices AD5124 Datasheet HTML 18Page - Analog Devices AD5124 Datasheet HTML 19Page - Analog Devices AD5124 Datasheet HTML 20Page - Analog Devices AD5124 Datasheet HTML 21Page - Analog Devices AD5124 Datasheet HTML 22Page - Analog Devices AD5124 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
AD5121/AD5141
THEORY OF OPERATION
analog.com
Rev. E | 19 of 30
The AD5121/AD5141 digital programmable potentiometers are de-
signed to operate as true variable resistors for analog signals within
the terminal voltage range of VSS < VTERM < VDD. The resistor wiper
position is determined by the RDAC register contents. The RDAC
register acts as a scratchpad register that allows unlimited changes
of resistance settings. A secondary register (the input register) can
be used to preload the RDAC register data.
The RDAC register can be programmed with any position setting
using the I2C or SPI interface (depending on the model). When a
desirable wiper position is found, this value can be stored in the
EEPROM memory. Thereafter, the wiper position is always restored
to that position for subsequent power-ups. The storing of EEPROM
data takes approximately 18 ms; during this time, the device is
locked and does not acknowledge any new command, preventing
any changes from taking place.
RDAC REGISTER AND EEPROM
The RDAC register directly controls the position of the digital poten-
tiometer wiper. For example, when the RDAC register is loaded with
0x80 (AD5141, 256 taps), the wiper is connected to half scale of
the variable resistor. The RDAC register is a standard logic register;
there is no restriction on the number of changes allowed.
It is possible to both write to and read from the RDAC register using
the digital interface (see Table 13).
The contents of the RDAC register can be stored to the EEPROM
using Command 9 (see Table 13). Thereafter, the RDAC register
always sets at that position for any future on-off-on power supply
sequence. It is possible to read back data saved into the EEPROM
with Command 3 (see Table 13).
Alternatively, the EEPROM can be written to independently using
Command 1 (see Table 13).
INPUT SHIFT REGISTER
For the AD5121/AD5141, the input shift register is 16 bits wide, as
shown in Figure 2. The 16-bit word consists of four control bits,
followed by four address bits and by eight data bits.
If the AD5121 RDAC or EEPROM registers are read from or written
to the lowest data bit (Bit 0) is ignored.
Data is loaded MSB first (Bit 15). The four control bits determine the
function of the software command, as listed in Table 11 and Table
13.
Table 11. Simple Command Operation Truth Table
Command
Number
Control Bits
[DB15:DB12]
Address Bits
[DB11:DB8]1
Data Bits [DB7:DB0]1
Operation
C3
C2
C1
C0
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
NOP: do nothing
1
0
0
0
1
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Write contents of serial register data to
RDAC
2
0
0
1
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Write contents of serial register data to
input register
3
0
0
1
1
X
0
0
0
X
X
X
X
X
X
D1
D0
Read back contents
D1
D0
Data
0
1
EEPROM
1
1
RDAC
9
0
1
1
1
X
X
0
0
X
X
X
X
X
X
X
1
Copy RDAC register to EEPROM
10
0
1
1
1
X
X
0
0
X
X
X
X
X
X
X
0
Copy EEPROM into RDAC
14
1
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
Software reset
15
1
1
0
0
0
0
0
0
X
X
X
X
X
X
X
D0
Software shutdown
D0
Condition
0
Normal mode
1
Shutdown mode
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com