Electronic Components Datasheet Search
  English  ▼

X  

AD5124 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5124
Description  Single-Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5124 Datasheet HTML 21Page - Analog Devices AD5124 Datasheet HTML 22Page - Analog Devices AD5124 Datasheet HTML 23Page - Analog Devices AD5124 Datasheet HTML 24Page - Analog Devices AD5124 Datasheet HTML 25Page - Analog Devices AD5124 Datasheet HTML 26Page - Analog Devices AD5124 Datasheet HTML 27Page - Analog Devices AD5124 Datasheet HTML 28Page - Analog Devices AD5124 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
AD5121/AD5141
THEORY OF OPERATION
analog.com
Rev. E | 25 of 30
Table 14. Address Bits
A3
A2
A1
A0
Potentiometer Mode
Linear Gain Setting Mode
Stored RDAC Memory
Input Register
RDAC Register
Input Register
RDAC Register
1
X1
X1
X1
All channels
All channels
All channels
All channels
Not applicable
0
0
0
0
RDAC
RDAC
RWB
RWB
RDAC/RWB
0
1
0
0
Not applicable
Not applicable
RAW
RAW
Not applicable
0
0
0
1
Not applicable
Not applicable
Not applicable
Not applicable
RAW
0
0
1
0
Not applicable
Not applicable
Not applicable
Not applicable
MSB tolerance
0
0
1
1
Not applicable
Not applicable
Not applicable
Not applicable
LSB tolerance
1 X= don't care.
Table 15. Control Register Bit Descriptions
Bit Name
Description
D0
RDAC register write protect
0 = wiper position frozen to value in EEPROM memory
1 = allows update of wiper position through digital interface (default)
D1
EEPROM program enable
0 = EEPROM program disabled
1 = enables device for EEPROM program (default)
D2
Linear setting mode/potentiometer mode
0 = potentiometer mode (default)
1 = linear gain setting mode
D3
Burst mode (I2C only)
0 = disabled (default)
1 = enabled (no disable after stop or repeat start condition)
Input Register
The AD5121/AD5141 include one input register per RDAC register.
This register allows preloading of the value for the associated
RDAC register.
This feature allows a synchronous and asynchronous update of one
or all the RDAC registers at the same time.
These registers can be written to using Command 2 and read back
from using Command 3 (see Table 13).
The transfer from the input register to the RDAC register is done
asynchronously by the LRDAC pin or synchronously by Command
8 (see Table 13).
If new data is loaded in an RDAC register, this RDAC register
automatically overwrites the associated input register.
Linear Gain Setting Mode
The proprietary architecture of the AD5121/AD5141 allows the in-
dependent control of each string resistor, RAW and RWB. To enable
this feature, use Command 16 (see Table 13) to set Bit D2 of the
control register (see Table 15).
This mode of operation can control the potentiometer as two inde-
pendent rheostats connected at a single point, W terminal, as
opposed to potentiometer mode where each resistor is complemen-
tary, RAW = RAB − RWB.
This feature enables a second input and an RDAC register per
channel, as shown in Table 13; however, the actual RDAC contents
remain unchanged. The same operations are valid for potentiome-
ter and linear gain setting modes.
If the INDEP pin is pulled high, the device powers up in linear gain
setting mode and loads the values stored in the associated memory
locations for each channel (see Table 14). The INDEP pin and D2
bit are connected internally to a logic OR gate, if any or both are 1,
the devices cannot operate in potentiometer mode.
Low Wiper Resistance Feature
The AD5121/AD5141 include two commands to reduce the wiper
resistance between the terminals when they achieve full scale or
zero scale. These extra positions are called bottom scale, BS, and
top scale, TS. The resistance between Terminal A and Terminal
W at top scale is specified as RTS. Similarly, the bottom scale
resistance between Terminal B and Terminal W is specified as RBS.
The contents of the RDAC registers are unchanged by entering
in these positions. There are two ways to exit from top scale and
bottom scale: by using Command 12 or Command 13 (see Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com