Electronic Components Datasheet Search
  English  ▼

X  

AD5124 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5124
Description  Single-Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5124 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5124 Datasheet HTML 22Page - Analog Devices AD5124 Datasheet HTML 23Page - Analog Devices AD5124 Datasheet HTML 24Page - Analog Devices AD5124 Datasheet HTML 25Page - Analog Devices AD5124 Datasheet HTML 26Page - Analog Devices AD5124 Datasheet HTML 27Page - Analog Devices AD5124 Datasheet HTML 28Page - Analog Devices AD5124 Datasheet HTML 29Page - Analog Devices AD5124 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
AD5121/AD5141
THEORY OF OPERATION
analog.com
Rev. E | 27 of 30
EEPROM OR RDAC REGISTER PROTECTION
The EEPROM and RDAC registers can be protected by disabling
any update to these registers. This can be done by using software
or by using hardware. If these registers are protected by software,
set Bit D0 and/or Bit D1 (see Table 15), which protects the RDAC
and EEPROM registers independently.
If the registers are protected by hardware, pull the WP pin low. If
the WP pin is pulled low when the device is executing a command,
the protection is not enabled until the command is completed.
When RDAC is protected, the only operation allowed is to copy the
EEPROM into the RDAC register.
LOAD RDAC INPUT REGISTER (LRDAC)
LRDAC software or hardware transfers data from the input register
to the RDAC register (and therefore updates the wiper position).
By default, the input register has the same value as the RDAC
register; therefore, only the input register that has been updated
using Command 2 is updated.
Software LRDAC, Command 8, allows updating of a single RDAC
register or all of the channels at once (see Table 13). This is a
synchronous update.
The hardware LRDAC is completely asynchronous and copies the
content of all the input registers into the associated RDAC registers.
If a command is executed, to avoid data corruption, any transition in
the LRDAC pin is ignored by the device.
INDEP PIN
If the INDEP pin is pulled high at power-up, the device operates in
linear gain setting mode, loading each string resistor, RAW and RWB,
with the value stored into the EEPROM (see Table 14). If the pin is
pulled low, the device powers up in potentiometer mode.
The INDEP pin and the D2 bit are connected internally to a logic
OR gate, if any or both are 1, the device cannot operate in
potentiometer mode (see Table 15).
RDAC ARCHITECTURE
To achieve optimum performance, Analog Devices, Inc., uses a pro-
prietary RDAC segmentation architecture for all the digital potenti-
ometers. In particular, the AD5121/AD5141 employ a three‑stage
segmentation approach, as shown in Figure 45. The AD5121/
AD5141 wiper switch is designed with the transmission gate CMOS
topology and with the gate voltage derived from VDD and VSS.
Figure 45. AD5121/AD5141 Simplified RDAC Circuit
Top Scale/Bottom Scale Architecture
In addition, the AD5121/AD5141 include new positions to reduce
the resistance between terminals. These positions are called bot-
tom scale and top scale. At bottom scale, the typical wiper resist-
ance decreases from 130 Ω to 60 Ω (RAB = 100 kΩ). At top scale,
the resistance between Terminal A and Terminal W is decreased by
1 LSB, and the total resistance is reduced to 60 Ω (RAB = 100 kΩ).
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation—±8% Resistor Tolerance
The AD5121/AD5141 operate in rheostat mode when only two
terminals are used as a variable resistor. The unused terminal can
be floating, or it can be tied to Terminal W, as shown in Figure 46.
Figure 46. Rheostat Mode Configuration
The nominal resistance between Terminal A and Terminal B, RAB,
is 10 kΩ or 100 kΩ, and has 128/256 tap points accessed by the
wiper terminal. The 7-bit/8-bit data in the RDAC latch is decoded
to select one of the 128/256 possible wiper settings. The general
equations for determining the digitally programmed output resist-
ance between Terminal W and Terminal B are
AD5121:
RWBD = D128×RAB+RW From 0x00 to 0x7F (1)
AD5141:
RWBD = D256×RAB+RW From 0x00 to 0xFF (2)
where:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com