Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8152
Description  34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 4 Page - Analog Devices

  AD8152 Datasheet HTML 1Page - Analog Devices AD8152 Datasheet HTML 2Page - Analog Devices AD8152 Datasheet HTML 3Page - Analog Devices AD8152 Datasheet HTML 4Page - Analog Devices AD8152 Datasheet HTML 5Page - Analog Devices AD8152 Datasheet HTML 6Page - Analog Devices AD8152 Datasheet HTML 7Page - Analog Devices AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD8152
Data Sheet
Rev. B | Page 4 of 25
TIMING SPECIFICATIONS
Table 2 to Table 11 list the timing specifications in detail.
Table 2. Bit Descriptions of the Register Address and Register Data Buses
A6
A5 (MSB)
A4
A3
A2
A1
A0 (LSB)
D5 (MSB)
D4
D3
D2
D1
D0 (LSB)
Connection/Current Bit
Output address pins
Data pins
Table 3. A6 Bit Description
A6 Setting
Description
0
Connection latches
1
Output current level
Table 4. Connection Data and Address Programming Examples
Output Address Pins
Data Pins (Used to Select Inputs)
Comments1
A6
A5 (MSB)
A4
A3
A2
A1
A0 (LSB)
D5 (MSB)
D4
D3
D2
D1
D0 (LSB)
0
0
0
0
0
0
0
0
0
0
0
0
0
Program IN00x to input OUT00x
0
0
0
0
0
0
0
1
0
0
0
0
1
Program IN33x to input OUT00x
0
1
0
0
0
0
1
0
1
1
1
1
1
Program IN31x to OUT33x
0
1
1
1
1
1
1
0
0
0
0
0
0
Broadcast IN00x to all outputs
0
0
0
0
0
0
0
1
1
1
1
1
1
Disable OUT00x
0
1
0
0
0
0
1
1
1
1
1
1
1
Disable OUT33x
0
1
1
1
1
1
1
1
1
1
1
1
1
Disable all outputs (broadcast)
1
Where x is either P or N, the positive or negative differential signals for the input and output ports.
Table 5. Output Current Level Data and Address Programming Examples1
Output Address Pins
Data Pins (Used to Select Inputs)
Comments
A6
A5 (MSB)
A4
A3
A2
A1
A0 (LSB)
D5 (MSB)
D4
D3
D2
D1
D0 (LSB)
1
0
0
0
0
0
0
N/A
N/A
0
0
0
0
Program OUT00x to current—
Decimal Code 00 (2 mA)
1
0
0
0
0
0
0
N/A
N/A
1
1
1
1
Program OUT00x to current—
Decimal Code 15 (32 mA)
1
1
0
0
0
0
1
N/A
N/A
0
1
1
1
Program OUT33x to current—
Decimal Code 07 (16 mA)
1
1
1
1
1
1
1
N/A
N/A
1
0
0
0
Broadcast current—Decimal Code 08
to all outputs (18 mA)
1
N/A means don’t care.
Table 6. Basic Control Strobe Function1
RESET
RS
WE
RE
UPD
Function
0
N/A
N/A
N/A
N/A
Global reset. Disables all outputs and resets all output current to Decimal Code 0111 (16 mA).
1
1
N/A
N/A
N/A
Disable all control signals. Signal matrix/currents remain the same. D5 to D0 are high impedance.
1
0
0
1
N/A
Write enable. Write D5 to D0 data into the first rank register addressed by A6 to A0.
1
0
N/A
0
N/A
Single-output readback. Second rank register data for output A6 to A0 appears on D5 to D0.
1
0
N/A
N/A
0
Global update. Copy all first rank data into second rank registers.
1
0
0
1
0
Transparent write and update. D5 to D0 immediately control programming. Use RE as the gating signal.
1
N/A means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com