Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8152
Description  34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8152 Datasheet HTML 17Page - Analog Devices AD8152 Datasheet HTML 18Page - Analog Devices AD8152 Datasheet HTML 19Page - Analog Devices AD8152 Datasheet HTML 20Page - Analog Devices AD8152 Datasheet HTML 21Page - Analog Devices AD8152 Datasheet HTML 22Page - Analog Devices AD8152 Datasheet HTML 23Page - Analog Devices AD8152 Datasheet HTML 24Page - Analog Devices AD8152 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
AD8152
Rev. B | Page 23 of 25
Table 15. Power Consumption
Parameter
Input Termination
Resistors
Input
Stage
Core
Output
Predriver
Output Termination
Resistors
Output
Switch +
Current
Source
Total
Power
Quiescent Current
N/A
N/A
32 mA
N/A
N/A
N/A
N/A
Current per Active
Channel
VIN/(RTERMINATION)
2 mA
N/A
0.25 × IOUT
0.5 × IOUT
IOUT
N/A
Current per Active
Channel for Differential
N/A
N/A
N/A
N/A
N/A
N/A
N/A
VIN = 800 mV p-p Sine
566 mV rms/100
N/A
N/A
N/A
N/A
N/A
N/A
VOUT = 800 mV p-p
= 5.66 mA
2 mA
4 mA
4 mA
8 mA
16 mA
N/A
2.5 V Operation (VCC – VEE = 2.5 V, VTTO = 2.5 V, IOUT = 16 mA)
Per Channel Power
3.2 mW
5 mW
10 mW
8 mW
33.6 mW
N/A
Power for All Channels
Active
108.8 mW
170 mW
80 mW
340 mW
272 mW
1.03 W
2.0 W
Percentage of Total Power
5%
8%
4%
17%
13.6%
51%
N/A
3.3 V Operation (VCC – VEE = 3.3 V, VTTO = 3.3 V, IOUT = 16 mA)
Per Channel Power
3.2 mW
6.6 mW
13.2 mW
8 mW
46.4 mW
N/A
Power for All Channels
Active
108.8 mW
224 mW
106 mW
449 mW
272 mW
1.47 W
2.63 W
Percentage of Total Power
4%
9%
4%
17%
10%
56%
N/A
Input Termination Resistors
The power dissipated in the input termination resistors is
delivered by the driving source. First, assume the driving
waveform for an individual input is a differential square wave
with an amplitude of VINPP. Then the power dissipated in this
input is (VINPP)2/2RTERM, where RTERM is the termination resistor.
If dc coupling is used, a dc current flows from VTTI through
the termination resistors if the dc voltage of the drive circuit is
not equal to VTTI. The additional power in each input termination
resistor is the current multiplied by the 50 Ω value of the input
terminations.
For a point of reference, assume a channel has a sinusoidal
input of 800 mV p-p differential. The power dissipated for a
single input is 3.2 mW. If all 34 input channels are driven the same,
the power in the input terminations is 109 mW.
Input Stage
The input stages are powered down when not in use.
Approximately 2 mA flows through an enabled input from VCC
to VEE. Thus, the power dissipated by an enabled input is 5
mW for a supply of 2.5 V and 6.6 mW for a 3.3 V supply. When
all 34 inputs are enabled, the total power consumed in the input
stage is approximately 170 mW (VCC = 2.5 V) and 224 mW
(VCC = 3.3 V).
Switch Matrix
The switch matrix draws a fixed 32 mA when the AD8152 is
powered. This current flows from VCC to VEE. The power
dissipation from this current is 80 mW at 2.5 V and 106 mW at
3.3 V.
Output Predrivers
The output predrivers draw additional current when each
output is enabled. This extra current is proportional to the
programmed output current. The extra predriver current for a
channel is 25% of the programmed output current for that
channel. This current also flows from VCC to VEE.
When an output is enabled and programmed to 16 mA, an
additional 4 mA flows in the predriver section. This predriver
current dissipates either 10 mW at 2.5 V or 13.2 mW at 3.3 V
for an individual output.
For all enabled 34 outputs and programmed to 16 mA, the
predriver power is 340 mW at 2.5 V or 449 mW at 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com