Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8152
Description  34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 5 Page - Analog Devices

  AD8152 Datasheet HTML 1Page - Analog Devices AD8152 Datasheet HTML 2Page - Analog Devices AD8152 Datasheet HTML 3Page - Analog Devices AD8152 Datasheet HTML 4Page - Analog Devices AD8152 Datasheet HTML 5Page - Analog Devices AD8152 Datasheet HTML 6Page - Analog Devices AD8152 Datasheet HTML 7Page - Analog Devices AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
AD8152
Rev. B | Page 5 of 25
Table 7. First Rank Write Cycle
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
tCSW
Chip select to write enable, setup time
TA = 25°C, VCC = 3.3 V
0
ns
tASW
Address to write enable
TA = 25°C, VCC = 3.3 V
0
ns
tDSW
Data to write enable
TA = 25°C, VCC = 3.3 V
1
ns
tCHW
Chip select from write enable, hold time
TA = 25°C, VCC = 3.3 V
0
ns
tAHW
Address from write enable
TA = 25°C, VCC = 3.3 V
0
ns
tDHW
Data from write enable
TA = 25°C, VCC = 3.3 V
0
ns
tWP
Width of write enable pulse
TA = 25°C, VCC = 3.3 V
10
ns
Table 8. Second Rank Update Cycle
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
tCSU
Chip select to update, setup time
TA = 25°C, VCC = 3.3 V
0
ns
tCHU
Chip select from update, hold time
TA = 25°C, VCC = 3.3 V
0
ns
tUOE
Update to output enable times
TA = 25°C, VCC = 3.3 V
25
45
ns
tUOT
Update to output toggle times
TA = 25°C, VCC = 3.3 V
25
45
ns
tUOD
Update to output disable times
TA = 25°C, VCC = 3.3 V
25
45
ns
tUW
Width of update pulse
TA = 25°C, VCC = 3.3 V
10
ns
Table 9. Transparent Update Cycle
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
tCSU
Chip select to update, setup time
TA = 25°C, VCC = 3.3 V
0
ns
tCHU
Chip select from update, hold time
TA = 25°C, VCC = 3.3 V
0
ns
tUOE
Update to output enable times
TA = 25°C, VCC = 3.3 V
35
50
ns
tWOE1
Write enable to output enable
TA = 25°C, VCC = 3.3 V
35
50
ns
tUOT
Update to output toggle times
TA = 25°C, VCC = 3.3 V
25
45
ns
tWOT
Write enable to output reprogram
TA = 25°C, VCC = 3.3 V
25
45
ns
tUOD1
Update to output disable times
TA = 25°C, VCC = 3.3 V
25
45
ns
tWOD
Write enable to output disabled
TA = 25°C, VCC = 3.3 V
25
45
ns
tWHU
Write enable to update, setup time
TA = 25°C, VCC = 3.3 V
0
ns
tUW
Width of update pulse
TA = 25°C, VCC = 3.3 V
10
ns
1
Not shown in Figure 4.
Table 10. Second Rank Readback Cycle
Parameter
Description
Test Conditions/Comments1
Min
Typ
Max
Unit
tCSR
Chip select to read enable, setup time
TA = 25°C, VCC = 3.3 V
0
ns
tCHR
Chip select from read enable, hold time
TA = 25°C, VCC = 3.3 V
0
ns
tRHA
Address from read enable
TA = 25°C, VCC = 3.3 V
5
ns
tRDE
Data from read enable, enable time
TA = 25°C, VCC = 3.3 V
15
ns
tAA
Data from address, access time
TA = 25°C, VCC = 3.3 V
15
30
ns
tRDD
Data from read enable, disable time
TA = 25°C, VCC = 3.3 V
15
ns
1
At 25°C, VCC = 2.5 V to 3.3 V, VEE = 0 V, RL = 50 Ω, and differential output swing = 800 mV p-p, unless otherwise noted.
Table 11. Asynchronous Reset
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
tTOD
Output disable from reset, disable time
TA = 25°C, VCC = 3.3 V
10
25
ns
tTW
Width of reset pulse
TA = 25°C, VCC = 3.3 V
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com