Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8152
Description  34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8152 Datasheet HTML 12Page - Analog Devices AD8152 Datasheet HTML 13Page - Analog Devices AD8152 Datasheet HTML 14Page - Analog Devices AD8152 Datasheet HTML 15Page - Analog Devices AD8152 Datasheet HTML 16Page - Analog Devices AD8152 Datasheet HTML 17Page - Analog Devices AD8152 Datasheet HTML 18Page - Analog Devices AD8152 Datasheet HTML 19Page - Analog Devices AD8152 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD8152
Data Sheet
Rev. B | Page 16 of 25
55
50
45
40
35
30
25
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
3.2Gbps
1.5Gbps
Figure 21. Peak-to-Peak Jitter vs. Temperature
120
100
80
60
40
20
0
1
10
100
1000
SINGLE-ENDED INPUT AMPLITUDE (mV)
PEAK-TO-PEAK JITTER
STANDARD DEVIATION
Figure 22. Jitter vs. Single-Ended Input Amplitude
180
160
140
120
100
80
60
40
20
0.5
3.8
3.5
3.2
2.9
2.6
2.3
2.0
1.7
1.4
1.1
0.8
INPUT COMMON-MODE LEVEL (V)
INPUT AMPLITUDE = 50mV p-p
AT 2.5V
AT 3.3V
Figure 23. Peak-to-Peak Jitter vs. Input Common-Mode Level
80
70
60
50
40
30
20
10
0
1.8
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
SUPPLY VOLTAGE (V)
PEAK-TO-PEAK JITTER
STANDARD DEVIATION
Figure 24. Jitter vs. Supply Voltage
160
140
120
100
80
60
40
20
0
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
VOL (V)
IOUT = 16mA
IOUT = 24mA
IOUT = 32mA
Figure 25. Peak-to-Peak Jitter vs. VOL (Relative to VCC)
50
35
40
45
30
25
20
15
10
5
0
0
5
10
15
20
25
30
35
PROGRAMMED IOUT (mA)
PEAK-TO-PEAK JITTER
STANDARD DEVIATION
Figure 26. Jitter vs. Programmed IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com