Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8152
Description  34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8152 Datasheet HTML 17Page - Analog Devices AD8152 Datasheet HTML 18Page - Analog Devices AD8152 Datasheet HTML 19Page - Analog Devices AD8152 Datasheet HTML 20Page - Analog Devices AD8152 Datasheet HTML 21Page - Analog Devices AD8152 Datasheet HTML 22Page - Analog Devices AD8152 Datasheet HTML 23Page - Analog Devices AD8152 Datasheet HTML 24Page - Analog Devices AD8152 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
AD8152
Rev. B | Page 21 of 25
Internal Input/Output Termination
The AD8152 includes 50 Ω termination resistors to match
single-ended 50 Ω or 100 Ω transmission lines. All of the input
termination resistors connect to one common point called
VTTI. Similarly, each of the output termination resistors
connects to one common point called VTTO. The voltage can
be set independently at VTTI and VTTO to accommodate
various interface architectures.
Input Coupling
One way to simplify the input circuit and make it compatible
with a wide variety of driving devices is to use ac coupling. This
ac coupling has the effect of isolating the dc common-mode
levels of the driver and the AD8152 input circuitry. For example,
the XAUI interconnect specification for 10 Gbps Ethernet
requires ac coupling to ensure that there are no interactions of
dc levels between the transmitting and receiving devices.
AC coupling requires that the signal patterns have no long-term
dc component, which may occur in any random data stream.
Codes such as 8-bit/10-bit, called for in the XAUI specification, are
used in many data communications systems to ensure that the data
pattern maintains a common-mode balance. This is accomplished
by run length limiting (RLL), which sets a maximum limit for
the number of 1s or 0s that can occur consecutively. In addition,
residual dc components are monitored and modified by keeping
track of the running disparity, excess of 1s vs. 0s, or vice versa.
For the AD8152 inputs, ac coupling requires a capacitor in
series with each single-ended input signal, as shown in Figure 35.
AC coupling is recommended to be done in a manner that does
not interfere with the high speed signal integrity of the PCB
board. The two critical variables are setting the proper voltage
for VTTI and selecting the correct value of coupling capacitors.
VTTI
VCC
50Ω
50Ω
VEE
INxxP
INxxN
CINP
CINN
Figure 35. AC Coupling Input Signal from AD8152
On the AD8152 side of the input coupling capacitor, the average
value of the single-ended input voltage is at the voltage set at
VTTI. The range of allowable voltages is a function of the
acceptable input voltages of the active circuitry of the AD8152
inputs and the amplitude of the input signal. The operating
input range of the AD8152 extends from VCC + 0.2 V to 0.8 V
above VEE.
The total range that is occupied by the input signal is the
average value (as established by the voltage applied to VTTI)
plus or minus one half the single-ended swing of the signal. For
a standard 800 mV p-p differential signal, the single-ended swing is
400 mV p-p. Thus, the signal swings ±200 mV around the
average value equal to VTTI.
If VTTI is set equal to VCC, the single-ended signal meets the
specifications where the highest input voltage level does not
exceed the design compliance threshold of VCC + 0.2 V. The
lowest signal-ended input voltage level must be greater than
0.8 V above VEE to maintain compliance with the design
specification.
With ac-coupled inputs, there is no power consumption
advantage associated with varying VTTI. As a practical matter,
it may be desirable to set VTTI at the same voltage as VTTO so
that only one supply is necessary.
Output Coupling
Each single-ended output of the AD8152 has a 50 Ω termination
resistor that ties to VTTO. The differential termination tied to
VTTO is 25 Ω. When VTTO is varied, it changes the common-
mode levels of the outputs and the power dissipation of the output
stages when enabled.
The individual output currents are programmable. Varying this
output current changes the lower level of the output voltage (and
thus the peak-to-peak swing) and changes the power dissi-
pation in the output stages. To obtain a standard 800 mV p-p
differential output (single-ended = 400 mV p-p), it is recom-
mended to program the output current to 16 mA.
If the AD8152 drives another device that is ac-coupled, there is
no interaction of the dc levels on each side of the coupling
capacitors (see Figure 36). The dc levels for the AD8152 can be
calculated independently of the levels of the driven device. The
upper allowable setting for VTTO is 0.2 V higher than VCC.
To save power, VTTO can be lowered. The lowest level for
VTTO is determined by the lowest output level allowable (VOL) by
the AD8152 output when the output signal is logically low. It is
recommended that the output does not go lower than 1.0 V
below VCC. If the single-ended swing of an output is 400 mV p-p,
the lowest that VTTO can go is 0.6 V below VCC. For more
information on VOL, see Figure 25.
VTTO
VEE
50Ω
50Ω
OUTxxP
OUTxxN
AD8152
VEE
VCC
VTT
VCC
DRIVEN DEVICE
VEE
I = 2mA × (CODE) + 2mA
Figure 36. AC Coupling Output Signal from AD8152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com