Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8152
Description  34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8152 Datasheet HTML 16Page - Analog Devices AD8152 Datasheet HTML 17Page - Analog Devices AD8152 Datasheet HTML 18Page - Analog Devices AD8152 Datasheet HTML 19Page - Analog Devices AD8152 Datasheet HTML 20Page - Analog Devices AD8152 Datasheet HTML 21Page - Analog Devices AD8152 Datasheet HTML 22Page - Analog Devices AD8152 Datasheet HTML 23Page - Analog Devices AD8152 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD8152
Data Sheet
Rev. B | Page 20 of 25
Control Interface Levels
The AD8152 control interface shares the data path supply pins,
VCC and VEE. The potential between the positive logic supply
(VCC) and the negative supply (VEE) must be at least 2.25 V
and no more than 3.63 V. Regardless of the supply, the logic
threshold is approximately one-half the supply range, allowing the
interface to be used with most LVCMOS and LVTTL logic
drivers.
Output Addressing
The AD8152 is programmed using a memory interface module,
with parallel address and data buses. Six bits, [A5:A0], are used
to address the outputs (see Table 5). By setting the decimal
value of these address bits to a value from 0 to 33 inclusive, one
of the 34 outputs is uniquely addressed.
One additional decimal code, 63 (all 1s), is used for the
broadcast mode. If this address is selected, then all outputs
receive the same programming. The remaining addresses in the
register space are not valid and are reserved, Decimal Code 34
to Decimal Code 66 inclusive.
Connection and Output Current Programming
A seventh address bit (A6) determines which of two types of
programming is selected. If A6 = 0, connection matrix
programming (connecting an input to an output) is selected.
If A6 = 1, output current programming is selected.
Output Current Programming
A current source in each output can be digitally programmed to
any one of 16 different current levels. Changing these current
levels changes the amplitude of the output swing that is developed
across the internal 50 Ω termination resistors.
To program the current for a particular output, the address is
set on Control Pin A5 to Control Pin A0 (Decimal Code 00 to
Decimal Code 33), while A6 is set to 1. The four LSBs of the data
address, [D3:D0], are then used to select one of the 16 output
current levels. D4 and D5 assume the don’t care value for output
current programming (see Table 5).
To program all outputs to the same current level, set the address
bus, A5 to A0, to broadcast Decimal Code 63 with A6 = 1.
Address Pin D3 to Address Pin D0 then program all output
currents to the same level.
When the current code is set to 0000, a minimum current level
of 2 mA is obtained. For any other code, the current can be
calculated by (current code) × 2 mA + 2 mA. Refer to Table 5
for current code values. For example, 16 mA can be programmed
by Decimal Code 7. This value is 7 × 2 mA + 2 mA = 16 mA.
Using the Data Bus
After determining which output to program (or broadcast to all
outputs) and which type of programming (connection/output
current) to use, the data bits, [D5:D0], then further define the
programming action.
If connection programming (A6 = 0) is selected, the data bits
select the input that is to be connected to the addressed output.
If the broadcast address is selected, the data bits select the input
that is connected to all 34 outputs (see Table 4).
A disable code (Bits[D5:D0] = 63 decimal value, or all 1s) disables
(and powers down) the particular output that is addressed. A
broadcast can be put into effect by setting Decimal Code 63 on
both the address bus and the data bus along with A6 = 0.
Register Control Signals
Several single-ended logic input pins control the register loading
associated with the address and data buses described in the
Using the Data Bus section. The control functions are tabulated
in Table 6
There are dual ranks of registers for the data that programs the
AD8152. The first rank registers accumulate the data for the
various outputs as they are being programmed one by one. The
second rank registers actually control the functions of the device.
The RESET signal resets the connection matrix, disables all
outputs, and sets all of the output currents to a default condition at
Decimal Code 7. This signal sets the output current to a nominal
value of 16 mA. The data in the first rank latches is also reset by
the assertion of RESET.
The CS signal enables the control interface. If several devices
are used in a system with the other control signals bussed, the
CS signal can select an individual device to change the
programming.
The WE signal enables writing data to the first rank registers.
This data does not immediately affect the features of the
AD8152.
The UPDATE signal transfers the data from the first rank
registers to the second rank registers. After the UPDATE signal
is asserted, the data actively controls the AD8152 functions.
The second rank registers can be read back through the data bus.
The output is addressed on Bits[A5:A0] and the connection or
current is selected via A6. Asserting RE causes the second rank
data to appear on the data bus. The RE function dominates over
WE if both are asserted at the same time. Broadcast readback is
not permitted.
Some typical programming waveforms for the control signals
are provided in Figure 34.
VALID ADDRESS INPUT
VALID DATA INPUT
VALID ADDRESS INPUT
VALID DATA INPUT
A6 TO A0
D5 TO D0
WE
UPDATE
Figure 34. Programming Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com