Electronic Components Datasheet Search
  English  ▼

X  

AD8152 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8152
Description  34 × 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 3 Page - Analog Devices

  AD8152 Datasheet HTML 1Page - Analog Devices AD8152 Datasheet HTML 2Page - Analog Devices AD8152 Datasheet HTML 3Page - Analog Devices AD8152 Datasheet HTML 4Page - Analog Devices AD8152 Datasheet HTML 5Page - Analog Devices AD8152 Datasheet HTML 6Page - Analog Devices AD8152 Datasheet HTML 7Page - Analog Devices AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
AD8152
Rev. B | Page 3 of 25
SPECIFICATIONS
At 25°C, VCC = 2.5 V to 3.3 V, VEE = 0 V, load resistor (RL) = 50 Ω, and differential output swing = 800 mV p-p, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Data Rate/Channel
Nonreturn to Zero (NRZ)
3.2
Gbps
Channel Jitter
Data rate ≤ 3.2 Gbps; PRBS 223 − 1
45
ps p-p
Root Mean Square (RMS) Channel Jitter
<10
ps
Propagation Delay
Input to output
660
800
ps
Propagation Delay Match
±50
±120
ps
Output Rise and Fall Time
20% to 80%
100
ps
INPUT CHARACTERISTICS
Input Voltage Swing
Single-ended (see Figure 22)
50
1000
mV p-p
Input Voltage Range
Common-mode (see Figure 23)
VEE + 0.8
VCC + 0.2
V
Input Bias Current
2
mA
Input Capacitance
2
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
Differential (see Figure 26)
100
800
1600
mV p-p
Output Voltage Range
VCC − 1.2
VCC + 0.2
V
Output Current (IOUT)
2
32
mA
Output Capacitance
2
pF
TERMINATION CHARACTERISTICS
Resistance
43
50
57
Ω
Temperature Coefficient
0.05
Ω/°C
POWER SUPPLY
Operating Range
VCC
VEE = 0 V
2.25
3.63
V
Quiescent Current
VCC
All outputs disabled
32
45
mA
All outputs enabled
190
mA
VEE
All outputs disabled
32
45
mA
All outputs enabled
770
mA
TMIN to TMAX, all outputs enabled
800
mA
LOGIC INPUT CHARACTERISTICS
Input High (VIH)
VCC = 3.3 V
2
V
Input Low (VIL)
VCC = 3.3 V
0.8
V
Input High (VIH)
VCC = 2.5 V
1.7
V
Input Low (VIL)
VCC = 2.5 V
0.7
V
LOGIC OUTPUT CHARACTERISTICS
Output High (VOH)
VCC = 3.3 V, IOH = −2 mA
2.4
V
Output Low (VOL)
VCC = 3.3 V, IOL = 2 mA
0.4
V
Output High (VOH)
VCC = 2.5 V, IOH = −100 µA
2.1
V
Output Low (VOL)
VCC = 2.5 V, IOL = 100 µA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com