Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9175 Datasheet HTML 36Page - Analog Devices AD9175 Datasheet HTML 37Page - Analog Devices AD9175 Datasheet HTML 38Page - Analog Devices AD9175 Datasheet HTML 39Page - Analog Devices AD9175 Datasheet HTML 40Page - Analog Devices AD9175 Datasheet HTML 41Page - Analog Devices AD9175 Datasheet HTML 42Page - Analog Devices AD9175 Datasheet HTML 43Page - Analog Devices AD9175 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 150 page
background image
AD9175
Data Sheet
Rev. B | Page 40 of 150
The AD9175 supports a periodic SYSREF± signal. The periodicity
can be continuous, strobed, or gapped periodic. The SYSREF±
signal can be dc-coupled with a common-mode voltage of 0.6 V
to 2.2 V and differential swing of 200 mV p-p to 1 V p-p. When
dc-coupled, a small amount of common-mode current (up to
0.3 mA) is drawn from the SYSREF± pins. See Figure 63 and
Figure 64 for the SYSREF± internal circuit for dc-coupled and a
c-coupled configurations. Ensure that the SYSREF_INPUTMODE
bit (Register 0x084, Bit 6) is set to 1, dc-coupled, to prevent
overstress on the SYSREF± receiver pins.
10.3kΩ
240F
104Ω
SYSREF–
SYSREF+
104Ω
100Ω
240F
10.3kΩ
130kΩ
130kΩ
VCM
Figure 63. DC-Coupled SYSREF± Receiver Circuitry
10.3kΩ
240F
104Ω
SYSREF–
SYSREF+
104Ω
100Ω
240F
10.3kΩ
130kΩ
130kΩ
VCM
Figure 64. AC-Coupled SYSREF± Receiver Circuitry
To avoid this common-mode current draw, the SYSREF± receiver
can be ac-coupled using a 50% duty cycle periodic SYSREF±
signal with ac coupling capacitors. If ac-coupled, the ac coupling
capacitors combine with the resistors shown in Figure 64 to
make a high-pass filter with an RC time constant of τ = RC.
Select C such that τ > 4/SYSREF± frequency. In addition, the
edge rate must be sufficiently fast to allow SYSREF± sampling
clocks to correctly sample the rising SYSREF± edge before the
next sample clock.
When ac coupling the SYSREF± inputs, ensure that the
SYSREF_INPUTMODE bit (Register 0x084, Bit 6) is set to 0,
ac-coupled, to enable the internal receiver biasing circuitry and
prevent overstress on the SYSREF± receiver pins. AC coupling
allows a differential voltage swing from 200 mV to 1 V on the
SYSREF± pins.
SYSREF± Sampling
The SYSREF± signal is sampled by a divide by 4 version of the
DAC clock. Thus, the minimum pulse width of the SYSREF±
signal must exceed 4 DAC clock periods to ensure accurate
sampling. The delay between the SYSREF± and DAC clock
input signal does not need to be timing constrained.
By default, the first SYSREF± rising edge at the SYSREF± inputs
that is detected after asserting the SYSREF_MODE_ONESHOT bit
(Register 0x03A, Bit 1) begins the synchronization and aligns
the internal LMFC signal with the sampled SYSREF± edge.
Register 0x036 (SYSREF_COUNT) indicates how many
captured SYSREF± edges are ignored after the SYSREF_MODE_
ONESHOT bit is asserted before the synchronization takes place.
For example, if SYSREF_COUNT is set to 3, the AD9174 does
not sync after the SYSREF_MODE_ONESHOT bit is asserted
until the arrival of the 4th SYSREF± edge.
SYSREF± Jitter IRQ
In Subclass 1, after the one-shot synchronization occurs, the
SYSREF± signal is monitored to ensure that the subsequent
SYSREF± edges do not deviate from the internal LMFC clock
by more than a target amount.
Register 0x039 (SYSREF_ERR_WINDOW) indicates the size of
the error window allowed, in DAC clock units. If a SYSREF±
edge varies from the internal LMFC clock by more than the
number of DAC clock units set in SYSREF_ERR_WINDOW,
the IRQ_SYSREF_JITTER is asserted.
Table 24. SYSREF± Jitter Window Tolerance
SYSREF± Jitter Window
Tolerance (DAC Clock Cycles)
SYSREF_ERR_WINDOW
(Register 0x039, Bits[5:0])1
±½
0x00
±4
0x04
±8
0x08
±12
0x0C
±16
0x10
±20
0x14
+24
0x18
±28
0x1C
1 The two least significant digits are ignored because the SYSREF± signal is
sampled with a divide by 4 version of the DAC clock. As a result, the jitter
window is set by this divide by 4 clock rather than the DAC clock. It is
recommended that at least a four-DAC clock SYSREF± jitter window be
chosen.
The IRQ_SYSREF_JITTER can be configured as described
in the Interrupt Request Operation section to indicate the
SYSREF± signal has varied, and to request the SPI sequence for
a sync be performed again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com