Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 94 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9175 Datasheet HTML 90Page - Analog Devices AD9175 Datasheet HTML 91Page - Analog Devices AD9175 Datasheet HTML 92Page - Analog Devices AD9175 Datasheet HTML 93Page - Analog Devices AD9175 Datasheet HTML 94Page - Analog Devices AD9175 Datasheet HTML 95Page - Analog Devices AD9175 Datasheet HTML 96Page - Analog Devices AD9175 Datasheet HTML 97Page - Analog Devices AD9175 Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 150 page
background image
AD9175
Data Sheet
Rev. B | Page 94 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
5
PERIODIC_RST_EN
Synchronization required setting. Always
set this bit to 1 for both Subclass 0 and
Subclass 1 operation.
0x1
R/W
4
NCORST_AFTER_
ROT_EN
Set this bit to 1 to reset all NCOs after digital
reset or synchronization rotation. Either this
control or the START_NCO_SYNC bit
(Register 0x1E7, Bit 0) can be used to reset
all the NCOs (main and channel datapaths).
0x1
R/W
[3:2]
RESERVED
Reserved.
0x0
R
[1:0]
ROTATION_MODE
Selects the circuitry to be reset when a
synchronization rotation occurs. Certain
bits being set to 1 determine the actions
taken when a synchronization rotation is
performed. Bit 0 corresponds to a SERDES
clock reset and realignment. Bit 1 corres-
ponds to a datapath soft off/on gain, which
must only be used if PA protection is in use.
If PA protection is not used, set Bit 1 to 0.
0x0
R/W
0
No action, with either the SERDES clocks or
the datapath, occurs when a synchro-
nization rotation occurs.
1
The links drop and the SERDES clocks are
reset. It is recommended to set this bit high
so that when a synchronization rotation is
performed, the SERDES clocks realign
properly.
10
The datapath automatically uses the soft
on/off functionality to turn on and off the
datapath stream during a synchronization
rotation to avoid corrupted data from being
transmitted. Only use this feature if the PA
protection block is in use.
11
Both the SERDES clock reset and datapath
soft on/off feature are enabled.
0x03F
TX_ENABLE
[7:6]
RESERVED
Reserved.
0x0
R/W
5
TXEN_DATAPATH_
DAC1
Selects whether the datapath of DAC1 is
muted when the TXEN1 pin is brought low.
0x0
R/W
0
Datapath output is normal.
1
If TXEN1 = 0, the datapath output is
immediately zeroed. If TXEN1 = 1, the
datapath outputs normal operation.
4
TXEN_DATAPATH_
DAC0
Selects whether the datapath of DAC0 is
muted when the TXEN0 pin is brought low.
0x0
R/W
0
Datapath output is normal.
1
If TXEN0 = 0, the datapath output is
immediately zeroed. If TXEN0 = 1, the
datapath outputs normal operation.
[3:0]
RESERVED
Reserved.
0x0
R/W
0x050
CAL_CLK_DIV
[7:4]
RESERVED
Reserved
0x2
R/W
[3:0]
CAL_CLK_DIV
Calibration register control. Set these bits to
0xA for optimized calibration setting.
0x8
R/W
0x051
CAL_CTRL
7
CAL_CTRL0
Calibration setting. Set this bit to 1.
0x1
R/W
0
Reset the calibration engine.
1
Enable the calibration routine.
[6:3]
RESERVED
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com