Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9175 Datasheet HTML 87Page - Analog Devices AD9175 Datasheet HTML 88Page - Analog Devices AD9175 Datasheet HTML 89Page - Analog Devices AD9175 Datasheet HTML 90Page - Analog Devices AD9175 Datasheet HTML 91Page - Analog Devices AD9175 Datasheet HTML 92Page - Analog Devices AD9175 Datasheet HTML 93Page - Analog Devices AD9175 Datasheet HTML 94Page - Analog Devices AD9175 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 150 page
background image
Data Sheet
AD9175
Rev. B | Page 91 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
IRQ_PRBSI
DAC0 PRBS error. If EN_PRBSI is low, IRQ_
PRBSI shows the current status. If EN_
PRBSI is high, IRQ_PRBSI latches and pulls
the IRQx pin low (x = MUX_PRBSI setting).
Writing a 1 to IRQ_PRBSI when latched
clears the bit.
0x0
R/W
0x025
IRQ_STATUS0
[7:4]
RESERVED
Reserved.
0x0
R
3
IRQ_DAC0_CAL_
DONE
DAC0 calibration done. If EN_DAC0_CAL_
DONE is low, IRQ_DAC0_CAL_DONE shows
the current status. If EN_DAC0_
CAL_DONE is high, IRQ_DAC0_CAL_DONE
latches and pulls the IRQx pin low (x =
MUX_DAC0_CAL_DONE setting). Writing a
1 to IRQ_DAC0_CAL_DONE when latched
clears the bit.
0x0
R/W
[2:1]
RESERVED
Reserved.
0x0
R/W
0
IRQ_PAERR0
DAC0 PA error. If EN_PAERR0 is low, IRQ_
PAERR0 shows the current status. If EN_
PAERR0 is high, IRQ_PAERR0 latches and
pulls the IRQx pin low (x = MUX_PAERR0
setting). Writing a 1 to IRQ_PAERR0 when
latched clears the bit.
0x0
R/W
0x026
IRQ_STATUS1
[7:4]
RESERVED
Reserved.
0x0
R
3
IRQ_DAC1_CAL_
DONE
DAC1 calibration done. If EN_DAC0_CAL_
DONE is low, IRQ_DAC1_CAL_DONE shows
the current status. If EN_DAC1_
CAL_DONE is high, IRQ_DAC1_CAL_DONE
latches and pulls the IRQx pin low (x =
MUX_DAC1_CAL_DONE setting). Writing a
1 to IRQ_DAC1_CAL_DONE when latched
clears the bit.
0x0
R/W
[2:1]
RESERVED
Reserved.
0x0
R/W
0
IRQ_PAERR1
DAC1 PA error. If EN_PAERR1 is low, IRQ_
PAERR1 shows the current status. If EN_
PAERR1 is high, IRQ_PAERR1 latches and
pulls the IRQx pin low (x = MUX_PAERR1
setting). Writing a 1 to IRQ_PAERR1 when
latched clears the bit.
0x0
R/W
0x027
IRQ_STATUS2
[7:6]
RESERVED
Reserved.
0x0
R
5
IRQ_DLL_LOST
DLL lost. If EN_DLL_LOST is low, IRQ_DLL_
LOST shows the current status. If EN_DLL_
LOST is high, IRQ_DLL_LOST latches and
pulls the IRQx pin low (x = MUX_DLL_LOST
setting). Writing a 1 to IRQ_DLL_LOST when
latched clears the bit.
0x0
R/W
4
IRQ_DLL_LOCK
DLL locked. If EN_DLL_LOCK is low, IRQ_
DLL_LOCK shows current status. If
EN_DLL_LOCK is high, IRQ_DLL_LOCK
latches and pulls the IRQx pin low (x =
MUX_DLL_LOCK setting). Writing a 1 to
IRQ_DLL_LOCK when latched clears the bit.
0x0
R/W
[3:2]
RESERVED
Reserved.
0x0
R/W
1
IRQ_PLL_LOST
DAC PLL lock lost. If EN_PLL_LOST is low,
IRQ_PLL_LOST shows the current status. If
EN_PLL_LOST is high, IRQ_PLL_LOST
latches and pulls the IRQx pin low (x =
MUX_PLL_LOST setting). Writing a 1 to
IRQ_PLL_LOST when latched clears the bit.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com