Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 96 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9175 Datasheet HTML 92Page - Analog Devices AD9175 Datasheet HTML 93Page - Analog Devices AD9175 Datasheet HTML 94Page - Analog Devices AD9175 Datasheet HTML 95Page - Analog Devices AD9175 Datasheet HTML 96Page - Analog Devices AD9175 Datasheet HTML 97Page - Analog Devices AD9175 Datasheet HTML 98Page - Analog Devices AD9175 Datasheet HTML 99Page - Analog Devices AD9175 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 150 page
background image
AD9175
Data Sheet
Rev. B | Page 96 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
AC couple SYSREF±.
1
DC couple SYSREF±.
[5:1]
RESERVED
Reserved.
0x0
R/W
0
SYSREF_PD
Power down the SYSREF± receiver and
synchronization circuitry. If using
Subclass 0, set this bit to 1 because the
SYSREF± pins are not used.
0x0
R/W
0
SYSREF± receiver is powered on.
1
SYSREF± receiver is powered down.
0x085
NVM_CTRL1
7
RESERVED
Reserved.
0x0
R
[6:4]
NVM_CTRL1A
NVM control. Set this control to 1 at the
start of the configuration sequence (as shown
in the Start-Up Sequence section) and set
to 0 at the end of the start-up routine when
no longer programming the device.
0x1
R/W
[3:2]
RESERVED
Reserved.
0x0
R
1
NVM_CTRL1B
NVM control. Set this control to 1 at the start
of the configuration sequence (as shown in
the Start-Up Sequence section) and set to 0 at
the end of the start-up routine when no
longer programming the device.
0x1
R/W
0
NVM_CTRL1C
NVM control. Set this control to 0 at the
start of the configuration sequence (as
shown in the Start-Up Sequence section)
and set to 1 at the end of the start-up
routine when no longer programming the
device.
0x1
R/W
0x08D
ADC_CLK_CTRL0
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
CLKOUT_SWING
Controls the swing level of the ADC clock
driver. Swing can be negative (inverts clock).
0x0
R/W
The calculation for Code 0 to Code 9 is as
follows:
ADC driver swing = 993 mV − CLKOUT_
SWING × 77 mV.
The calculation for Code 10 to Code 19 is as
follows:
ADC driver swing = (20 − CLKOUT_SWING ×
77 mV) − 1 V.
0x08F
ADC_CLK_CTRL2
[7:1]
RESERVED
Reserved.
0x0
R
0
PD_CLKOUT_
DRIVER
Powers down the CLKOUT± output driver.
0x0
R/W
0x090
DAC_POWERDOWN
[7:2]
RESERVED
Reserved.
0x0
R
1
DAC_PD1
Powers down DAC1.
0x1
R/W
0
Power up DAC1.
1
Power down DAC1.
0
DAC_PD0
Powers down DAC0.
0x1
R/W
0
Power up DAC0.
1
Power down DAC0.
0x091
ACLK_CTRL
[7:1]
RESERVED
Reserved.
0x0
R/W
0
ACLK_
POWERDOWN
Analog clock receiver power-down.
0x1
R/W
0x094
PLL_CLK_DIV
[7:2]
RESERVED
Reserved.
0x0
R
1
PLL_VCO_DIV3_EN
Enable PLL output clock divide by 3.
0x0
R/W
0
PLL_VCO_DIV2_EN
Enable PLL output clock divide by 2.
0x0
R/W
0
DAC clock = PLL VCO clock frequency.
1
DAC clock = PLL VCO clock frequency ÷ 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com