Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9175 Datasheet HTML 5Page - Analog Devices AD9175 Datasheet HTML 6Page - Analog Devices AD9175 Datasheet HTML 7Page - Analog Devices AD9175 Datasheet HTML 8Page - Analog Devices AD9175 Datasheet HTML 9Page - Analog Devices AD9175 Datasheet HTML 10Page - Analog Devices AD9175 Datasheet HTML 11Page - Analog Devices AD9175 Datasheet HTML 12Page - Analog Devices AD9175 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 150 page
background image
Data Sheet
AD9175
Rev. B | Page 9 of 150
Parameter
Symbol
Test Comments/Conditions
Min
Typ
Max
Unit
SCLK to SDIO Hold Time
tDH
0.537
ns
CS to SCLK Setup Time
tS
1.036
ns
SCLK to SDIO Data Valid Time
tDV
9.6
ns
SCLK to SDO Data Valid Time
tDV
13.7
ns
CS to SDIO Output Valid to High-Z
Not shown in Figure 52 or
Figure 53
5.4
ns
CS to SDO Output Valid to High-Z
Not shown in Figure 52 or
Figure 53
9.59
ns
INPUTS (SDIO, SCLK, CS, RESET, TXEN0, and TXEN1)
Voltage Input
High
VIH
1.48
V
Low
VIL
0.425
V
Current Input
High
IIH
±100
nA
Low
IIL
±100
nA
OUTPUTS (SDIO, SDO)
Voltage Output
High
VOH
0 mA load
1.69
V
4 mA load
1.52
V
Low
VOL
0 mA load
0.045
V
4 mA load
0.175
V
Current Output
High
IOH
4
mA
Low
IOL
4
mA
INTERRUPT OUTPUTS (IRQ0, IRQ1)
Voltage Output
High
VOH
1.71
V
Low
VOL
0.075
V
DIGITAL INPUT DATA TIMING SPECIFICATIONS
AVDD1.0 = 1.0 V, AVDD1.8 = 1.8 V, DVDD1.0 = 1.0 V, DVDD1.8 = 1.8 V, SVDD1.0 = 1.0 V, and DAC output full-scale current (IOUTFS) =
20 mA, unless otherwise noted. For the minimum and maximum values, TJ = −40°C to +118°C. For the typical values, TA = 25°C, which
corresponds to TJ = 51°C.
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LATENCY1
Channel Interpolation Factor, Main Datapath
Interpolation Factor
LMFC_VAR_x = 12, LMFC_DELAY_x = 12, unless
otherwise noted
1
, 12
JESD204B Mode 153
420
DAC clock cycles
JESD204B Mode 16
440
DAC clock cycles
JESD204B Mode 17
590
DAC clock cycles
1
, 82
JESD204B Mode 3
1390
DAC clock cycles
JESD204B Mode 83
1820
DAC clock cycles
JESD204B Mode 9
1920
DAC clock cycles
1
, 122
JESD204B Mode 83
2700
DAC clock cycles
JESD204B Mode 9
2840
DAC clock cycles
2
, 62
JESD204B Mode 3, Mode 4
1970
DAC clock cycles
JESD204B Mode 5
1770
DAC clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com