Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9175 Datasheet HTML 26Page - Analog Devices AD9175 Datasheet HTML 27Page - Analog Devices AD9175 Datasheet HTML 28Page - Analog Devices AD9175 Datasheet HTML 29Page - Analog Devices AD9175 Datasheet HTML 30Page - Analog Devices AD9175 Datasheet HTML 31Page - Analog Devices AD9175 Datasheet HTML 32Page - Analog Devices AD9175 Datasheet HTML 33Page - Analog Devices AD9175 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 150 page
background image
AD9175
Data Sheet
Rev. B | Page 30 of 150
SERIAL PORT OPTIONS
The serial port can support both MSB first and LSB first data
formats. This functionality is controlled by the LSB first bit
(Register 0x000, Bit 6 and Bit 1). The default is MSB first
(LSBFIRST bit = 0).
When the LSB first bits = 0 (MSB first), the instruction and data
bits must be written from MSB to LSB. R/W is followed by A[14:0]
as the instruction word, and D[7:0] is the data-word. When the
LSB first bits = 1 (LSB first), the opposite is true. A[0:14] is
followed by R/W, which is subsequently followed by D[0:7].
The serial port supports a 3-wire or 4-wire interface. When the
SDO active bits = 1 (Register 0x000, Bit 4 and Bit 3), a 4-wire
interface with a separate input pin (SDIO) and output pin (SDO) is
used. When the SDO active bits = 0, the SDO pin is unused and
the SDIO pin is used for both the input and the output.
Multibyte data transfers can be performed as well by holding
the CS pin low for multiple data transfer cycles (eight SCLKs)
after the first data transfer word following the instruction cycle.
The first eight SCLKs following the instruction cycle read from
or write to the register provided in the instruction cycle. For
each additional eight SCLK cycles, the address is either incre-
mented or decremented and the read/write occurs on the new
register. The direction of the address can be set using ADDRINC or
ADDRINC_M (Register 0x000, Bit 5 and Bit 2). When ADDRINC
or ADDRINC_M is 1, the multicycle addresses are incremented.
When ADDRINC or ADDRINC_M is 0, the addresses are decre-
mented. A new write cycle can always be initiated by bringing
CS high and then low again.
To prevent confusion and to ensure consistency between devices,
the chip tests the first nibble following the address phase, ignoring
the second nibble. This test is completed independently from the
LSB first bits and ensures that there are extra clock cycles following
the soft reset bits (Register 0x000, Bit 0 and Bit 7). This test of
the first nibble only applies when writing to Register 0x000.
R/W A14 A13
A3
A2 A1A0 D7D6 D5
D0
D1
D2
D3
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
Figure 50. Serial Register Interface Timing, MSB First,
Register 0x000, Bit 6 and Bit 1 = 0
A0 A1 A2
A12 A13 A14
D0 D1 D2
D7
D6
D5
D4
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
R/W
Figure 51. Serial Register Interface Timing, LSB First,
Register 0x000, Bit 6 and Bit 1 = 1
SCLK
SDIO
CS
DATA BIT n – 1
DATA BIT n
tDV
Figure 52. Timing Diagram for Serial Port Register Read
SCLK
SDIO
CS
INSTRUCTION BIT 14
INSTRUCTION BIT 0
INSTRUCTION BIT 15
tS
tDS
tDH
tPWH
tPWL
tH
Figure 53. Timing Diagram for Serial Port Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com