Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 90 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9175 Datasheet HTML 86Page - Analog Devices AD9175 Datasheet HTML 87Page - Analog Devices AD9175 Datasheet HTML 88Page - Analog Devices AD9175 Datasheet HTML 89Page - Analog Devices AD9175 Datasheet HTML 90Page - Analog Devices AD9175 Datasheet HTML 91Page - Analog Devices AD9175 Datasheet HTML 92Page - Analog Devices AD9175 Datasheet HTML 93Page - Analog Devices AD9175 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 150 page
background image
AD9175
Data Sheet
Rev. B | Page 90 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x020
IRQ_ENABLE
[7:5]
RESERVED
Reserved.
0x0
R
4
EN_SYSREF_JITTER
Enable SYSREF± jitter interrupt.
0x0
R/W
3
EN_DATA_READY
Enable JESD204B receiver ready
(JRX_DATA_READY) low interrupt.
0x0
R/W
2
EN_LANE_FIFO
Enable lane FIFO overflow/underflow
interrupt.
0x0
R/W
1
EN_PRBSQ
Enable PRBS imaginary error interrupt.
0x0
R/W
0
EN_PRBSI
Enable PRBS real error interrupt.
0x0
R/W
0x021
IRQ_ENABLE0
[7:4]
RESERVED
Reserved.
0x0
R
3
EN_DAC0_CAL_
DONE
Enable DAC0 calibration complete
interrupt.
0x0
R/W
[2:1]
RESERVED
Reserved.
0x0
R/W
0
EN_PAERR0
Enable PA protection error interrupt for
DAC0.
0x0
R/W
0x022
IRQ_ENABLE1
[7:4]
RESERVED
Reserved.
0x0
R
3
EN_DAC1_CAL_
DONE
Enable DAC1 calibration complete
interrupt.
0x0
R/W
[2:1]
RESERVED
Reserved.
0x0
R/W
0
EN_PAERR1
Enable PA protection error interrupt for
DAC1.
0x0
R/W
0x023
IRQ_ENABLE2
[7:6]
RESERVED
Reserved.
0x0
R
5
EN_DLL_LOST
Enable DLL lock lost interrupt.
0x0
R/W
4
EN_DLL_LOCK
Enable DLL lock interrupt.
0x0
R/W
[3:2]
RESERVED
Reserved.
0x0
R/W
1
EN_PLL_LOST
Enable PLL lock lost interrupt.
0x0
R/W
0
EN_PLL_LOCK
Enable PLL lock interrupt.
0x0
R/W
0x024
IRQ_STATUS
[7:5]
RESERVED
Reserved.
0x0
R
4
IRQ_SYSREF_
JITTER
SYSREF± jitter too large. If EN_SYSREF_
JITTER is low, IRQ_SYSREF_JITTER shows the
current status. If EN_SYSREF_JITTER is high,
IRQ_SYSREF_JITTER latches and pulls the
IRQx pin low (x = the MUX_SYSREF_
JITTER setting). Writing a 1 to IRQ_
SYSREF_JITTER when latched clears the bit.
0x0
R/W
3
IRQ_DATA_READY
JESD204x receiver data ready is low. If
EN_DATA_READY is low, IRQ_DATA_READY
shows the current status. If EN_DATA_
READY is high, IRQ_DATA_READY latches
and pulls the IRQx pin low (x = MUX_
DATA_READY setting). Writing a 1 to IRQ_
DATA_READY when latched clears the bit.
0x0
R/W
2
IRQ_LANE_FIFO
Lane FIFO overflow/underflow. If EN_
LANE_FIFO is low, IRQ_LANE_FIFO shows
the current status. If EN_LANE_FIFO is high,
IRQ_LANE_FIFO latches and pulls the IRQx
pin low (x = MUX_LANE_FIFO setting).
Writing a 1 to IRQ_LANE_FIFO when
latched clears the bit.
0x0
R/W
1
IRQ_PRBSQ
DAC1 PRBS error. If EN_PRBSQ is low,
IRQ_PRBSQ shows the current status. If
EN_PRBSQ is high, IRQ_PRBSQ latches and
pulls the IRQx pin low (x = MUX_PRBSQ
setting). Writing a 1 to IRQ_PRBSQ when
latched clears the bit.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com