Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9175 Datasheet HTML 61Page - Analog Devices AD9175 Datasheet HTML 62Page - Analog Devices AD9175 Datasheet HTML 63Page - Analog Devices AD9175 Datasheet HTML 64Page - Analog Devices AD9175 Datasheet HTML 65Page - Analog Devices AD9175 Datasheet HTML 66Page - Analog Devices AD9175 Datasheet HTML 67Page - Analog Devices AD9175 Datasheet HTML 68Page - Analog Devices AD9175 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 150 page
background image
Data Sheet
AD9175
Rev. B | Page 65 of 150
DAC On-Chip PLL
The AD9175 includes an integer PLL/VCO block that allows
generating a DAC clock (fDAC) from an external reference
frequency (fREF) between 25 MHz and 3080 MHz, applied to the
CLKIN± pins (see Figure 92). When using the on-chip PLL,
select the predivider (M) via Register 0x793, Bits[1:0] to internally
divide the reference frequency to be within the range of 25 MHz
to 770 MHz of the phase frequency detector (PFD) circuitry block
input. Enable the DAC PLL synthesizer by setting Register 0x095,
Bit 0 to 0.
The internal VCO operates over a frequency range of 8.74 GHz
to 12.4 GHz, with additional divider settings if a lower DACCLK is
required by the application. The DAC clock rate is user
configurable to be the VCO frequency (8.74 GHz to 12.4 GHz),
the VCO frequency divided by 2 (4.37 GHz to 6.2 GHz), or the
VCO frequency divided by 3 (2.92 GHz to 4.1 GHz) by setting
Register 0x094, Bits[1:0]. See the Start-Up Sequence section for
instructions on how to program the PLL.
To generate the required VCO control voltage from the charge
pump (CP) output, the AD9175 DAC PLL requires an external
loop filter. The recommended filter is a passive low-pass filter of
a topology similar to the one shown in Figure 92. Generally, the
pass band width of the filter (bandwidth) trades off loop response
time during a frequency change with loop stability after the
initial frequency lock occurs. For proper filter layout and
component selection, which results in optimal performance for
most applications, refer to the documentation of the AD9175-
FMC-EBZ evaluation board. The user may however customize
the filter to fit a specific application, according to the PFD
frequency, reference clock phase noise, and DAC output phase
noise requirements. For example, to lower DACCLK jitter when
using the PLL, a higher PFD frequency minimizes the contribution
of in band noise from the PLL. Set the PLL filter bandwidth
such that the in band noise of the PLL intersects with the open-
loop noise of the VCO to minimize the contributions of both
blocks to the overall noise.
The best jitter performance is typically achieved when using an
external, high performance clock source.
The DAC PLL uses an integer type synthesizer to generate the
DACCLK for both DAC0 and DAC1, implying that the
generated DACCLK must be an integer multiple of the input
reference clock. The relationship between DAC clock and the
reference clock is as follows:
fDAC = (8 × N × fREF)/M/(Register 0x094, Bits[1:0] + 1)
where:
fDAC is the desired DAC clock rate.
N is the VCO feedback divider ratio, ranging from 2 to 50.
fREF is the reference clock.
M is the reference clock divider ratio. The valid values for
reference clock divider (predivider) are 1, 2, 3, or 4 by setting
Register 0x793, Bits[1:0].
The VCO automatic calibration is triggered by the falling edge
of Register 0x792, Bit 1 transitioning from a logic high to logic
low. A lock detector bit (Register 0x7B5, Bit 0) is provided to
indicate that the DAC PLL achieved lock. If Register 0x7B5,
Bit 0 = 1, the PLL has locked.
PFD
CHARGE
PUMP
VCO
÷N
÷8
÷M
CLK
RCVR
÷2
÷L
CLKIN+
CLKIN–
CLK
DRIVER
CLKOUT+
CLKOUT+
DACCLK
N = 2 TO 50
M = 1, 2, 3, 4
PCB
PCB
OFF-CHIP FILTER
FILT_COARSE
REG 0x094, BITS[1:0]
REG 0x095, BIT 0
R1
C1
C2
C3
REG 0x799, BITS[5:0]
REG 0x799, BITS[7:6]
L = 1, 2, 3, 4
FILT_VCM
FILT_FINE
÷3
DAC
REG 0x793, BITS[1:0]
Figure 92. DAC PLL and Clock Path Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com