Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9175 Datasheet HTML 13Page - Analog Devices AD9175 Datasheet HTML 14Page - Analog Devices AD9175 Datasheet HTML 15Page - Analog Devices AD9175 Datasheet HTML 16Page - Analog Devices AD9175 Datasheet HTML 17Page - Analog Devices AD9175 Datasheet HTML 18Page - Analog Devices AD9175 Datasheet HTML 19Page - Analog Devices AD9175 Datasheet HTML 20Page - Analog Devices AD9175 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 150 page
background image
Data Sheet
AD9175
Rev. B | Page 17 of 150
Pin No.
Mnemonic
Description
Sync Output
D12
SYNCOUT0+
Positive Sync (Active Low) Output Signal, Channel Link 0. This pin is LVDS or
CMOS selectable.
D11
SYNCOUT0−
Negative Sync (Active Low) Output Signal, Channel Link 0. This pin is LVDS or
CMOS selectable.
D1
SYNCOUT1+
Positive Sync (Active Low) Output Signal, Channel Link 1. This pin is LVDS or
CMOS selectable.
D2
SYNCOUT1−
Negative Sync (Active Low) Output Signal, Channel Link 1. This pin is LVDS or
CMOS selectable.
Serial Port Interface
E4
SDO
Serial Port Data Output (CMOS Levels with Respect to DVDD1.8).
E7
SDIO
Serial Port Data Input/Output (CMOS Levels with Respect to DVDD1.8).
E5
SCLK
Serial Port Clock Input (CMOS Levels with Respect to DVDD1.8).
E6
CS
Serial Port Chip Select, Active Low (CMOS Levels with Respect to DVDD1.8).
E8
RESET
Reset, Active Low (CMOS Levels with Respect to DVDD1.8).
Interrupt Request
D9
IRQ0
Interrupt Request 0. This pin is an open-drain, active low output (CMOS levels
with respect to DVDD1.8). Connect a pull-up resistor to DVDD1.8 to prevent this
pin from floating when inactive.
E9
IRQ1
Interrupt Request 1. This pin is an open-drain, active low output (CMOS levels
with respect to DVDD1.8). Connect a pull-up resistor to DVDD1.8 to prevent this
pin from floating when inactive.
CMOS Input/Outputs
D8
TXEN0
Transmit Enable for DAC0. The CMOS levels are determined with respect to
DVDD1.8.
D4
TXEN1
Transmit Enable for DAC1. The CMOS levels are determined with respect to
DVDD1.8.
DAC Analog Outputs
M9
DAC0+
DAC0 Positive Current Output.
M8
DAC0−
DAC0 Negative Current Output.
M4
DAC1+
DAC1 Positive Current Output.
M5
DAC1−
DAC1 Negative Current Output.
Reference
L12
ISET
Device Bias Current Setting Pin. Connect a 5 kΩ resistor from this pin to GND,
preferably with <0.1% tolerance and <±25 ppm/°C temperature coefficient.
Do Not Connect
E1, E2, E11, E12, J2, K4
DNC
Do Not Connect. Do not connect to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com