Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9175 Datasheet HTML 15Page - Analog Devices AD9175 Datasheet HTML 16Page - Analog Devices AD9175 Datasheet HTML 17Page - Analog Devices AD9175 Datasheet HTML 18Page - Analog Devices AD9175 Datasheet HTML 19Page - Analog Devices AD9175 Datasheet HTML 20Page - Analog Devices AD9175 Datasheet HTML 21Page - Analog Devices AD9175 Datasheet HTML 22Page - Analog Devices AD9175 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 150 page
background image
Data Sheet
AD9175
Rev. B | Page 19 of 150
fOUT (MHz)
–120
–100
–80
–60
–40
–20
0
0
1000
2000
3000
4000
5000
6000
7000
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 9. Second Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 2),
12 GHz DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
fOUT (MHz)
0
1000
2000
3000
4000
5000
6000
7000
–120
–100
–80
–60
–40
–20
0
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 10. Third Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 2),
12 GHz DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 11. Worst Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 2),
12 GHz DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
–120
–100
–80
–60
–40
–20
0
fOUT (MHz)
0
200
400
600
800
1000
1200
1400 1600
1800
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 12. Second Harmonic vs. fOUT over Digital Scale (Mode 17), 3.4 GHz DAC
Sample Rate, Channel Interpolation 1×, Main Interpolation 1×, 11-Bit Resolution
fOUT (MHz)
0
200
400
600
800
1000
1200
1400
1600
1800
–90
–100
–80
–70
–60
–50
–40
–30
–20
–10
0
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 13. Third Harmonic vs. fOUT over Digital Scale (Mode 17), 3.4 GHz DAC
Sample Rate, Channel Interpolation 1×, Main Interpolation 1×, 11-Bit Resolution
fOUT (MHz)
0
200
400
600
800
1000
1200
1400
1600
1800
–90
–100
–80
–70
–60
–50
–40
–30
–20
–10
0
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 14. Worst Spur vs. fOUT over Digital Scale (Mode 17), 3.4 GHz DAC
Sample Rate, Channel Interpolation 1×, Main Interpolation 1×, 11-Bit
Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com