Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 4 Page - Analog Devices

  LTC2672 Datasheet HTML 1Page - Analog Devices LTC2672 Datasheet HTML 2Page - Analog Devices LTC2672 Datasheet HTML 3Page - Analog Devices LTC2672 Datasheet HTML 4Page - Analog Devices LTC2672 Datasheet HTML 5Page - Analog Devices LTC2672 Datasheet HTML 6Page - Analog Devices LTC2672 Datasheet HTML 7Page - Analog Devices LTC2672 Datasheet HTML 8Page - Analog Devices LTC2672 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Data Sheet
LTC2672
SPECIFICATIONS
analog.com
Rev. B | 4 of 27
All specifications apply over the full operating TJ range, unless otherwise noted. Typical values are at TJ = 25°C, VCC = IOVCC = 5 V, V− = –3.3
V, VDDx = 5 V, FSADJ = VCC, and reference output voltage (VREF) = 1.25 V external, unless otherwise specified.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DC PERFORMANCE, LTC2672-16
Resolution
16
Bits
Monotonicity
All ranges1
16
Bits
Differential Nonlinearity
DNL
All ranges1
−1
+0.45
+1
LSB
Integral Nonlinearity
INL
All ranges1
−64
+12
+64
LSB
Current Offset Error
IOS
All current ranges1
−0.4
+0.1
+0.4
%FSR
IOS Temperature Coefficient
All current ranges
10
ppm/°C
Gain Error
GE2
300 mA and 200 mA output current ranges
−0.9
+0.3
+0.9
%FSR
100 mA, 50 mA, and 25 mA output current ranges,
LFCSP model
−1.2
+0.4
+1.2
%FSR
100 mA, 50 mA, and 25 mA output current ranges,
WLCSP model
−1.4
+0.4
+1.4
%FSR
12.5 mA, 6.25 mA, and 3.125 mA output current ranges
LFCSP model
−1.5
+0.7
+1.5
%FSR
12.5 mA, 6.25 mA, and 3.125 mA output current ranges,
WLCSP model
−2.0
+0.7
+2.0
%FSR
Gain Temperature Coefficient
FSADJ = VCC
30
ppm/°C
Total Unadjusted Error
TUE 2
300 mA and 200 mA output current ranges
−1.4
+0.4
+1.4
%FSR
100 mA, 50 mA, and 25 mA output current ranges,
LFCSP model
−1.7
+0.5
+1.7
%FSR
100 mA, 50 mA, and 25 mA output current ranges,
WLCSP model
−1.9
+0.5
+1.9
%FSR
12.5 mA, 6.25 mA, and 3.125 mA output current ranges,
LFCSP model
−2
+0.8
+2
%FSR
12.5 mA, 6.25 mA, and 3.125 mA output current ranges,
WLCSP model
−2.5
+0.8
+2.5
%FSR
Power Supply Rejection
PSR
Range = 100 mA, OUTx current (IOUTx) = 50 mA
VCC = 4.75 V to 5.25 V
0.5
LSB
VDDx = 2.85 V to 3.15 V
0.4
LSB
VDDx = 4.75 V to 5.25 V
0.7
LSB
V− = −3.25 V to −2.75 V
0.6
LSB
DC Crosstalk3
Result of a 200 mW change in dissipated power
0.1
%FSR
Dropout Voltage (VDDx − VOUTx4)
VDROPOUT
200 mA range, (VDDx − V−) = 4.75 V
0.45
0.6
V
200 mA range, (VDDx – V–) = 2.85 V
0.5
0.65
V
300 mA range, (VDDx – V–) = 4.75 V
0.75
V
300 mA range, (VDDx – V–) = 2.85 V
0.85
1.15
V
Off Mode Output Leakage Current5
800 Ω load to GND
−1
+0.1
+1
μA
OUTx Switch to V− Resistance
RPULLDOWN Span code = 1000b, sinking 80 mA
8
12
Ω
DC PERFORMANCE, LTC2672-12
Resolution
12
Bits
Monotonicity
All ranges1
12
Bits
Differential Nonlinearity
DNL
All ranges1
−0.5
+0.03
+0.5
LSB
Integral Nonlinearity
INL
All ranges1
−4
+0.8
+4
LSB
Current Offset Error
IOS
All current ranges1
−0.4
+0.1
+0.4
%FSR
IOS Temperature Coefficient
All current ranges
10
ppm/°C
Gain Error
GE2
300 mA and 200 mA output current ranges
−0.9
+0.3
+0.9
%FSR
100 mA, 50 mA, and 25 mA output current ranges
−1.2
+0.4
+1.2
%FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com