Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 5Page - Analog Devices LTC2672 Datasheet HTML 6Page - Analog Devices LTC2672 Datasheet HTML 7Page - Analog Devices LTC2672 Datasheet HTML 8Page - Analog Devices LTC2672 Datasheet HTML 9Page - Analog Devices LTC2672 Datasheet HTML 10Page - Analog Devices LTC2672 Datasheet HTML 11Page - Analog Devices LTC2672 Datasheet HTML 12Page - Analog Devices LTC2672 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
LTC2672
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. B | 9 of 27
Table 4.
Parameter
Rating
VCC to GND
−0.3 V to +6 V
IOVCC to GND
−0.3 V to +6 V
V− to GND
−6 V to +0.3 V
VDDx to GND
−0.3 V to (VCC + 0.3 V)
VDDx to V−
−0.3 V to +10 V
OUTx to GND
(V− − 0.3 V) to (VDDx + 0.3 V)
MUX
(V− − 0.3 V) to (VCC + 0.3 V)
REF, REFCOMP, FSADJ
−0.3 V to minimum (VCC + 0.3 V, 6 V)
CS/LD, SCK, SDI, LDAC, CLR,
TGP to GND
−0.3 V to +6 V
FAULT to GND
−0.3 V to +6 V
SDO
–0.3 V to minimum (VCC + 0.3 V, 6 V)
Temperature
Operating Range (TJ)
−40°C to +125°C
Storage Range
−65°C to +150°C
Junction, TJMAX
150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
Thermal characteristics are specified for the worst-case conditions,
that is, a device soldered in a circuit board for surface-mount pack-
ages. Thermal resistance values specified in Table 5 are simulated
based on JEDEC specifications using a 2S2P thermal test board
(see JEDEC JESD51), except for θJC-TOP, which uses a JEDEC 1S
test board.
θJA is the junction to ambient thermal resistance, measured in a
JEDEC natural convection environment.
θJC is the junction to case thermal resistance, measured at the cen-
ter of the package top surface, with an infinite heat sink attached to
the package surface.
θJB is the junction to board thermal resistance, measured at a point
on the board 1 mm from the package edge, along the package
center line, measured in a JEDEC θJB environment.
ΨJB is the junction to board thermal characterization parameter,
measured in a JEDEC natural convection environment.
ΨJT is the junction to package top thermal characterization parame-
ter, measured in a JEDEC natural convection environment.
Do not use θJA, θJC, and θJB thermal resistances to perform direct
calculation/measurement of the die temperature because doing so
results in incorrect values. The thermal resistances assume 100%
of the power that is dissipated along the specified path between the
measurement points. The thermal resistances are directly depend-
ent on the PCB design and environment.
If direct measurement of the package is required, the ΨJT and ΨJB
values must be used because they more accurately reflect the true
thermal dissipation paths.
θJC must only be used where an external heat sink is attached
directly to the package.
System level thermal simulation is highly recommended.
For more details about the thermal resistances, refer to JE-
DEC51-12: Guidelines for Reporting and Using Electronic Package
Thermal Information.
Table 5. Thermal Resistance
Package Type
θJA
θJB
θJC-TOP ΨJT
ΨJB
Unit
05-08-16931
28.34
9.27
17.33
0.11
9.20
°C/W
CB-36-91
29.56
3.85
0.18
0.36
3.62
°C/W
1 Thermal impedance simulated values are based on JEDEC 2S2P thermal test
board with no bias. See JEDEC JESD-51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
Table 6. LTC2672, 36-Ball WLCSP and 32-lead LFCSP
Package Type ESD Model
Withstand Voltage (V)
Class
36-Ball
WLCSP
HBM
3000
2
FICDM
1250
C3
32-lead LFCSP HBM
3000
2
FICDM
2000
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com