Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 17Page - Analog Devices LTC2672 Datasheet HTML 18Page - Analog Devices LTC2672 Datasheet HTML 19Page - Analog Devices LTC2672 Datasheet HTML 20Page - Analog Devices LTC2672 Datasheet HTML 21Page - Analog Devices LTC2672 Datasheet HTML 22Page - Analog Devices LTC2672 Datasheet HTML 23Page - Analog Devices LTC2672 Datasheet HTML 24Page - Analog Devices LTC2672 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
LTC2672
THEORY OF OPERATION
analog.com
Rev. B | 21 of 27
DAISY-CHAIN OPERATION
The serial output of the shift register appears at the SDO pin. Data
transferred to the device from the SDI input is delayed for 32 SCK
rising edges before being output at the next SCK falling edge so
that the data can be clocked into the microprocessor on the next
32 SCK rising edges.
The SDO output can be used to facilitate control of multiple serial
devices from a single 3-wire serial port (SCK, SDI, and CS/LD).
This kind of daisy-chain series is configured by connecting the SDO
of each upstream device to the SDI of the next device in the chain.
The shift registers of the devices are thus connected in series to
effectively form a single input shift register that extends through
the entire chain. Because of this connection, the devices can be
addressed and controlled individually by concatenating their input
words (the first instruction addresses the last device in the chain,
and so on). The SCK and CS/LD signals are common to all devices
in the series.
When in use, CS/LD is first taken low. Then, the concatenated input
data is transferred to the chain using the SDI of the first device
as the data input. When the data transfer is complete, CS/LD
is taken high, which completes the instruction sequence for all
devices simultaneously. A single device can be controlled by using
the no operation command (1111b) for all other devices in the chain.
When CS/LD is taken high, the SDO pin presents a high impedance
output. Therefore, a pull-up resistor is required at the SDO of each
device (except the last) for daisy-chain operation.
ECHO READBACK
The SDO pin can verify data transfers to the device. During each
32-bit instruction cycle, the SDO pin outputs the previous 32-bit
instruction for verification. The 8-bit don’t care prefix is replaced
by eight fault register status bits, followed by the 4-bit command
and address words and the full 16-bit data word (see Figure 3 ).
The SDO sequence for a 24-bit instruction cycle is the same,
except that the data word is truncated to 8 bits (see Figure 4 ).
When CS/LD is high, SDO presents a high impedance output and
releases the bus for use by other SPI devices.
MONITOR MULTIPLEXER
The LTC2672 includes a multiplexer for monitoring both the voltag-
es and currents at the five current output pins (OUTx). Additionally,
VDDx, V−, VCC, VREF, and the die temperature can all be monitored.
The MUX pin is intended for use with high impedance inputs only.
The impedance at the MUX pin is typically 15 kΩ. The continuous
dc output current at the MUX pin must be limited to ±1 mA to avoid
damaging internal circuitry.
The operating range of the multiplexer extends rail-to-rail from V− to
VCC, and its output is disabled (high impedance) at power-up.
The syntax and codes for the multiplexer command are shown in
Figure 31 and Table 11.
MUX COMMAND
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
M3
M4
M2
M1
M0
1
MUX CONTROL CODE
DON’T CARE
Figure 31. Multiplexer Command
Table 11. Analog Multiplexer Control Address Bits
M4
M3
M2
M1
M0
Multiplexer Signal Output
Notes1
0
0
0
0
0
Disabled (high-Z)
0
0
0
0
1
OUT0 current measurement
IOUT0 = full-scale current (IFS) × VMUX/VREF
0
0
0
1
0
OUT1 current measurement
IOUT1 = IFS × VMUX/VREF
0
0
0
1
1
OUT2 current measurement
IOUT2 = IFS × VMUX/VREF
0
0
1
0
0
OUT3 current measurement
IOUT3 = IFS × VMUX/VREF
0
0
1
0
1
OUT4 current measurement
IOUT4 = IFS × VMUX/VREF
0
0
1
1
0
VCC
0
1
0
0
0
VREF
0
1
0
0
1
VREFLO
DAC ground (0 V) reference
0
1
0
1
0
Die temperature, T
T = 25°C + (1.4 V − VMUX)/(0.0037 V/°C)
1
0
0
0
0
VDD0
1
0
0
0
1
VDD1
1
0
0
1
0
VDD2
1
0
0
1
1
VDD3
1
0
1
0
0
VDD4
1
0
1
1
0
V–
1
0
1
1
1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com