Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 7Page - Analog Devices LTC2672 Datasheet HTML 8Page - Analog Devices LTC2672 Datasheet HTML 9Page - Analog Devices LTC2672 Datasheet HTML 10Page - Analog Devices LTC2672 Datasheet HTML 11Page - Analog Devices LTC2672 Datasheet HTML 12Page - Analog Devices LTC2672 Datasheet HTML 13Page - Analog Devices LTC2672 Datasheet HTML 14Page - Analog Devices LTC2672 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
LTC2672
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 11 of 27
Table 7. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
LFCSP
WLCSP
proportional to the voltage at REF and are inversely proportional to RFSADJ. If FSADJ is tied to VCC, an internal RFSADJ
(20 kΩ) is selected, which results in nominal output ranges. An external resistor of 19 kΩ to 41 kΩ can be used instead
by connecting the resistor between FSADJ and GND. In this case, the external resistor controls the scaling of the ranges,
and the internal resistor is automatically disconnected. See Table 10 for details. When using an external resistor, FSADJ
is sensitive to stray capacitance and must be compensated with a snubber network that consists of a series combination
of 1 kΩ and 1 µF connected in parallel to RFSADJ. With the recommended compensation, FSADJ is stable while driving
stray capacitance up to 50 pF.
13, 27
B3, F3
VCC
Analog Supply Voltage. 2.85 V ≤ VCC ≤ 5.5 V. All output supply voltages must be less than or equal to VCC, (VDDx ≤ VCC).
Bypass VCC to GND with a 1 µF capacitor.
15, 26
A2, F2
V−
Negative Supply Voltage. −5.5 V ≤ V− ≤ GND. Bypass V− to GND with a 1 µF capacitor unless V− is connected to GND.
See Figure 32 for safe operating voltages.
16, 19, 20, 23,
24
F1, D2, D1,
B1, B2
OUT4 to OUT0 DAC Analog Current Outputs. Each current output pin has a dedicated analog supply pin, VDD0 to VDD4. The load
attached to OUTx must be terminated to GND. For information on combining outputs, see the Load Termination and
Combining Channels section.
17, 18, 21, 22,
25
E2, E1, C1,
C2, A1
VDD4 to VDD0
Output Supplies. VDD0 to VDD4 operate at 2.1 V to VCC with respect to GND, and at 2.85 V to 9 V with respect to V−.
These five positive supply inputs provide independent supplies for each of the five DAC current output pins, OUT0 to
OUT4, respectively. Note that the highest output supply voltage must be less than or equal to VCC (VDDx ≤ VCC). Bypass
each supply input to GND separately with a 1 µF capacitor. Unused output supplies must be connected to a valid VCC or
VDDx supply. Do not leave these pins floating. See Figure 32 for safe operating voltages.
28
A3
MUX
Analog Multiplexer Output. Pin voltages and currents can be monitored by measuring the voltage at MUX. When the
multiplexer is disabled, MUX becomes high impedance. The available multiplexer selections are shown in Table 11.
29
B4
IOVCC
Digital Input and Output Supply Voltage. 1.71 V ≤ IOVCC ≤ VCC + 0.3 V. Bypass IOVCC to GND with a 0.1 µF capacitor.
30
B5
FAULT
Active Low Fault Detection Pin. This open-drain, N-channel output pulls low when any valid fault condition is detected.
FAULT is released on the next CS/LD rising edge. A pull-up resistor is required (5 kΩ recommended).
31
A4
CLR
Active Low Asynchronous Clear Input. A logic low at this level triggered input clears the device to the default reset code
and output range, which is zero-scale with the outputs off. The control registers are cleared to zero. Logic levels are
determined by IOVCC.
33
N/A
GND
Ground. Solder this pad directly to the analog ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com