Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 8Page - Analog Devices LTC2672 Datasheet HTML 9Page - Analog Devices LTC2672 Datasheet HTML 10Page - Analog Devices LTC2672 Datasheet HTML 11Page - Analog Devices LTC2672 Datasheet HTML 12Page - Analog Devices LTC2672 Datasheet HTML 13Page - Analog Devices LTC2672 Datasheet HTML 14Page - Analog Devices LTC2672 Datasheet HTML 15Page - Analog Devices LTC2672 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Data Sheet
LTC2672
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 12 of 27
3.125mA
25mA
200mA
300mA
0
16384
32768
49152
65536
–32
–24
–16
–8
0
8
16
24
32
CODE
Figure 7. LTC2672-16 INL
3.125mA
25mA
200mA
300mA
CODE
0
1024
2048
3072
4096
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
Figure 8. LTC2672-12 INL
–40
–20
0
20
40
60
80
100
120
140
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TEMPERATURE (°C)
25mA
50mA
100mA
200mA
300mA
Figure 9. Full–Scale Current Error (FSE) vs Temperature
Figure 10. Settling 145 mA to 155 mA Step (VOUT Is the Output Voltage)
Figure 11. LTC2672-16 DNL
25mA SPAN
CODE
0
1024
2048
3072
4096
–0.50
–0.25
0
0.25
0.50
Figure 12. LTC2672-12 DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com