Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 19Page - Analog Devices LTC2672 Datasheet HTML 20Page - Analog Devices LTC2672 Datasheet HTML 21Page - Analog Devices LTC2672 Datasheet HTML 22Page - Analog Devices LTC2672 Datasheet HTML 23Page - Analog Devices LTC2672 Datasheet HTML 24Page - Analog Devices LTC2672 Datasheet HTML 25Page - Analog Devices LTC2672 Datasheet HTML 26Page - Analog Devices LTC2672 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Data Sheet
LTC2672
THEORY OF OPERATION
analog.com
Rev. B | 24 of 27
the die cools. Lower than approximately 150°C, the DAC channels
can be returned to normal operation. Note that a CS/LD rising edge
releases the FAULT pin regardless of the die temperature.
Because any DAC channel can source up to 300 mA, the die
heating potential of the system design must be evaluated carefully.
Finally, FR7 is provided to flag invalid SPI word lengths. Valid word
lengths are 24 bits, 32 bits, and integer multiples of 32 bits. Any
other length causes FR7 to set, the FAULT pin to assert, and the
instruction itself to be ignored.
Note that FR6 is unused in this device.
CONFIGURATION COMMAND
The configuration command has three arguments: OC, TS, and RD
(see Figure 34).
Setting the OC bit disables open-circuit detection (FR0 to FR4),
while the TS bit disables thermal protection (FR5). Set TS with
caution because thermal damage can easily occur and is the
responsibility of the user.
The RD bit is used to select external reference operation. The
REFCOMP pin must be grounded for external reference use.
POWER-DOWN MODE
For power constrained applications, power-down mode can be
used to reduce the supply current whenever less than five DAC
outputs are needed. When in power-down, the voltage-to-current
output drivers and reference buffers are disabled. The current DAC
outputs are set to off mode. Register contents are not disturbed
during power-down.
Any channel or combination of channels can be put into power-
down mode by using Command 0100b in combination with the
appropriate DAC address. In addition, all DAC channels and the
integrated reference together can be put into power-down using the
power-down chip command, 0101b. The 16-bit data word is ignored
for all power-down commands.
Active operation resumes by executing any command that includes
a DAC update, either in software, as shown in Table 8, or by
toggling (see the Toggle Operations section). The selected DAC
channel is powered up as it is updated with the new code value.
When updating a powered-down DAC, add wait time to accommo-
date for the extra power-up delay. If the channels are powered
down (Command 0100b) before the update command, the power-
up delay time is 30 µs. If, alternatively, the chip is powered down
(Command 0101b), the power-up delay time is 35 µs.
SAFE SUPPLY RANGES
The five output supplies (VDD0 to VDD4) can be independently set
between 2.1 V (2.4 V for the 300 mA range) and VCC. In addition,
the negative supply, V−, can be set to any voltage between −5.5 V
and GND. However, keep the total output supply voltage (VDDx with
respect to V−) in the 2.85 V to 9.0 V range, as specified in Table 1
and shown in Figure 32.
A minimum of 2.85 V is needed to establish drive for the output P-
type metal-oxide semiconductor (PMOS), while the 9.0 V maximum
provides a margin of voltage stress tolerance for the output circuit.
Dropout performance is sensitive to the total output supply voltage.
VDROPOUT falls to its minimum as (VDDx − V−) rises from 2.85 V to
4.75 V, and then stays essentially constant as the voltage further
increases to 9.0 V. See the VDROPOUT specifications in Table 1 and
Figure 17.
VCC must be in the 2.85 V ≤ VCC ≤ 5.5 V range and be greater than
or equal to the VDD0 to VDD4 output supplies.
7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
V–
9.0V MAXIMUM
2.85V MINIMUM
VCC
VDD0/VDD1/VDD2/VDD3/VDD4
SAFE-OPERATING AREA
Figure 32. Output Supply Safe Operating Area
CURRENT OUTPUTS
The LTC2672 incorporates a high gain voltage to current converter
at each current output pin. INL and DNL are guaranteed for all
ranges from 3.125 mA to 300 mA if the minimum dropout voltage
(VDDx − VOUTx) is met for all DAC codes.
If sufficient dropout voltage is maintained, the dc output impedan-
ces of the current outputs (OUT0 to OUT4) are high. Each current
output has a dedicated positive supply pin, VDD0 to VDD4, to allow
the tailoring of the current compliance and power dissipation of
each channel.
OUTx
V–
VDDx
OFF
RON < 12Ω
80mA
Figure 33. Switch to V– Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com