Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 9Page - Analog Devices LTC2672 Datasheet HTML 10Page - Analog Devices LTC2672 Datasheet HTML 11Page - Analog Devices LTC2672 Datasheet HTML 12Page - Analog Devices LTC2672 Datasheet HTML 13Page - Analog Devices LTC2672 Datasheet HTML 14Page - Analog Devices LTC2672 Datasheet HTML 15Page - Analog Devices LTC2672 Datasheet HTML 16Page - Analog Devices LTC2672 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
LTC2672
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 13 of 27
5µs/DIV
AVERAGE OF 1024 EVENTS
tSETTLE = 3.8µs TO ±0.024%,
21.1µs TO ±0.0015%
VOUT, 1V/DIV
CS/LD
VOUT RESIDUAL 500µV/DIV
SPAN = 3.125mA
RLOAD = 800Ω
Figure 13. Settling 0 mA to 3.125 mA Step
2ms/DIV
tSETTLE = 3.5µs TO ±0.024%,
200µs TO ±0.0015%
AVERAGE OF 1024 EVENTS.
tSETTLE MEASURED AT VDDX = 3.6V
TO MINIMIZE THERMAL SETTLING TAIL
CS/LD
SPAN = 200mA
RLOAD = 15Ω
VOUTX, 2V/DIV
VOUTX RESIDUAL 100µV/DIV
VDDX = 5V
VDDX = 4.5V
VDDX = 3.6V
Figure 14. Settling 0 mA to 200 mA Step
Figure 15. Offset Current Error vs. Temperature
0.709V
0.473V
0.440V
0.432V
300mA
200mA
100mA
50mA
0
0.25
0.50
0.75
1.00
1.25
1.50
0
50
100
150
200
250
300
350
DROPOUT VOLTAGE (V)
VDDX – V– = 4.75V
Figure 16. IOUTx vs. Dropout Voltage for Multiple Current Ranges
0.60
0.55
0.50
0.45
0.40
2
3
4
5
6
7
8
9
TOTAL SUPPLY V DDx – V– (V)
200mA RANGE
IOUTx = 200mA
Figure 17. VDROPOUT vs. Total Supply VDDx − V−
–40
–20
0
20
40
60
80
100
120
140
1.246
1.247
1.248
1.249
1.250
1.251
1.252
1.253
1.254
TEMPERATURE (°C)
Figure 18. VREF vs. Temperature (LFCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com