Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 19Page - Analog Devices LTC2672 Datasheet HTML 20Page - Analog Devices LTC2672 Datasheet HTML 21Page - Analog Devices LTC2672 Datasheet HTML 22Page - Analog Devices LTC2672 Datasheet HTML 23Page - Analog Devices LTC2672 Datasheet HTML 24Page - Analog Devices LTC2672 Datasheet HTML 25Page - Analog Devices LTC2672 Datasheet HTML 26Page - Analog Devices LTC2672 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
LTC2672
THEORY OF OPERATION
analog.com
Rev. B | 23 of 27
Current Measurement Using the Multiplexer
Measure the current of any output pin by using the multiplexer
command (1011b) with one of the multiplexer current measurement
codes from Table 11. The multiplexer responds by outputting a
voltage proportional to the actual output current. The proportionality
factor is given by the following equation:
IOUTx = IFS × VMUX/VREF
(1)
where:
IOUTx is the output current the OUTx pin.
The current measurement function does not sense the current at
the OUTx pins but instead uses the DAC settings to predict the
output current. Therefore, the previous equation is invalid if the
OUTx pin is open (or dropping out), or if the span is not set to one
of the eight current ranges.
In the previous equation, note that VMUX varies only with the DAC
code (and reference voltage) and is the same for every span
setting. IFS must be given the value of the active span setting for the
equation to evaluate correctly.
VMUX has the same optimal linearity as the current outputs, but
calibrating for slope error (±15% FSR) is necessary for accurate
results. ±1% FSR accuracy is achievable with a one-point or two-
point calibration.
Die Temperature Measurement Using the
Multiplexer
Measure the die temperature by using the multiplexer command
with the multiplexer Control Code 01010b. The voltage at the MUX
pin (VMUX) in this case is linearly related to the die temperature by a
temperature coefficient of −3.7 mV/°C. The measured TJ is then
TJ = 25°C + (1.4 V − VMUX)/(3.7 mV/°C)
(2)
If needed, the temperature monitor can be calibrated by measuring
the initial temperature and voltage, and then substituting these
values for 25°C and 1.4 V, respectively, in the previous equation.
Monitor Multiplexer Precharge Considerations
The analog multiplexer in the LTC2672 is unbuffered, which obvi-
ates error terms from amplifier offsets. However, without buffers,
the high impedance current outputs can be disturbed because of
charge transfer at the moment when the MUX pin is connected. The
LTC2672 contains circuitry that suppresses charging glitches on the
output pins (OUTx) by precharging the mux pin before connecting it
to the selected OUTx pin.
Because of the precharge behavior, the multiplexer output becomes
valid approximately 7 μs after the multiplexer command is given
(CS/LD rising). Residual charging transients can be further reduced
by adding capacitance to the OUTx pins, if needed.
Keep the total capacitance at the MUX pin (including board traces,
buffer amplifier inputs, and any other parasitic capacitances) as
small as feasible, and do not exceed 100 pF.
FAULT REGISTER
The LTC2672 provides notifications of operational fault conditions.
The fault register (FR) status bits comprise the first data byte
(8 bits) of each 24-bit or 32-bit SDO word outputted to the SDO
pin during each SPI transaction. See Figure 3 and Figure 4 for the
sequences.
An FR bit is set when its trigger condition is detected and clocked
to SDO during the next SPI transaction. FR information is updated
with each SPI transaction. Note that, if a fault condition is corrected
by the action of an SPI instruction, the cleared FR flag for that
condition is observable at SDO on the next SPI transaction.
Table 12 lists the FR bits and their associated trigger conditions.
FAULT INDICATOR PIN (FAULT)
The FAULT pin is an open-drain, N-channel output that pulls low
when a fault condition is detected. The FAULT pin is released on
the next rising CS/LD edge and is an open-drain output suitable for
wired-OR connection to an interrupt bus. A pull-up resistor on the
bus is required (5 kΩ is recommended).
Table 12. Fault Register (FR)
Bit
Fault Condition
FR0
Open-circuit condition detected on OUT0.
FR1
Open-circuit condition detected on OUT1.
FR2
Open-circuit condition detected on OUT2.
FR3
Open-circuit condition detected on OUT3.
FR4
Open-circuit condition detected on OUT4.
FR5
Overtemperature. If die temperature TJ > 175°C, FR5 is set, and thermal
protection is activated. Can be disabled using the configuration command
(0111b).
FR6
Unused.
FR7
Invalid SPI sequence length. Valid sequence lengths are 24, 32, and
multiples of 32 bits. For all other lengths, FR7 is set, and the SPI instruction
is ignored.
Fault Conditions and Thermal Overload
Protection
There are three types of fault conditions that cause the FAULT pin
to pull low. First, FR0 to FR4 flag an open-circuit (OC) condition
on any of the output pins (OUT0 to OUT4, respectively) when
an output channel enters dropout because of insufficient voltage
from VDDx to OUTx. An independent open-circuit detection circuit is
provided for each of the five DAC current output pins.
FR5 provides a detection flag that is set when the die temperature
exceeds 175°C. The overtemperature condition also forces all five
DAC channels to power down and the open-drain FAULT pin to
pull low. FR5 remains set, and the device stays in shutdown until



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com