Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 3Page - Analog Devices LTC2672 Datasheet HTML 4Page - Analog Devices LTC2672 Datasheet HTML 5Page - Analog Devices LTC2672 Datasheet HTML 6Page - Analog Devices LTC2672 Datasheet HTML 7Page - Analog Devices LTC2672 Datasheet HTML 8Page - Analog Devices LTC2672 Datasheet HTML 9Page - Analog Devices LTC2672 Datasheet HTML 10Page - Analog Devices LTC2672 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Data Sheet
LTC2672
SPECIFICATIONS
analog.com
Rev. B | 7 of 27
solder/via all GND and REFLO pins as well as the exposed pad (LFCSP package only) to a solid GND plane and set VDDx as low as practicable for each channel to reduce
power dissipation in the device.
7 Internal reference mode. The load is 15 Ω (200 mA range) or 800 Ω (3.125 mA range) terminated to GND.
8 DAC to DAC crosstalk is the glitch that appears at the output of one DAC because of a 100 mA to 200 mA step change in an adjacent DAC channel. The measured DAC is
at midscale (100 mA output current) in the 200 mA span range, with the internal reference, VDDx = 5 V, V− = −3.3 V.
9 The temperature coefficient is calculated by first computing the ratio of the maximum change in the output voltage to the nominal output voltage, and then dividing the ratio
by the specified temperature range.
10 Guaranteed by design and not production tested.
11 Stresses beyond those listed for extended periods can cause permanent damage to the device or affect device reliability and lifetime.
12 Single channel at a specified output.
13 VCC = IOVCC = 5 V, VDDx = 5 V, V− = −3.3 V.
14 Digital inputs are at 0 V or IOVCC.
TIMING CHARACTERISTICS
All specifications apply over the full operating TJ range. Digital input low and high voltages are 0 V and IOVCC, respectively.
Table 2. 2.85 V ≤ VCC ≤ 5.5 V and 2.85 V ≤ IOVCC ≤ VCC
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
t1
SDI valid to SCK setup
6
ns
t2
SDI valid to SCK hold
6
ns
t3
SCK high time
9
ns
t4
SCK low time
9
ns
t5
CS/LD pulse width
10
ns
t6
LSB SCK high to CS/LD high
19
ns
t7
CS/LD low to SCK high
7
ns
t8
SDO propagation delay from SCK falling edge, CLOAD = 10 pF, 4.5 V < IOVCC < VCC
20
ns
SDO propagation delay from SCK falling edge, CLOAD = 10 pF, 2.85 V < IOVCC < 4.5 V
30
ns
t9
CLR pulse width
20
ns
t10
CS/LD high to SCK positive edge
7
ns
t11
LDAC pulse width
15
ns
t12
CS/LD high to LDAC high or low transition
15
ns
fSCK
SCK frequency
50
MHz
t13
TGP high time1
1
μs
t14
TGP low time1
1
μs
1 Guaranteed by design and not production tested.
Table 3. 2.85 V ≤ VCC ≤ 5.5 V and 1.71 V ≤ IOVCC ≤ 2.85 V
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
t1
SDI valid to SCK setup
7
ns
t2
SDI valid to SCK hold
7
ns
t3
SCK high time
30
ns
t4
SCK low time
30
ns
t5
CS/LD pulse width
15
ns
t6
LSB SCK high to CS/LD high
19
ns
t7
CS/LD low to SCK high
7
ns
t8
SDO propagation delay from SCK falling edge, CLOAD = 10 pF
60
ns
t9
CLR pulse width
30
ns
t10
CS/LD high to SCK positive edge
7
ns
t11
LDAC pulse width
15
ns
t12
CS/LD high to LDAC high or low transition
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com