Electronic Components Datasheet Search
  English  ▼

X  

LTC2672 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC2672
Description  Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2672 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC2672 Datasheet HTML 4Page - Analog Devices LTC2672 Datasheet HTML 5Page - Analog Devices LTC2672 Datasheet HTML 6Page - Analog Devices LTC2672 Datasheet HTML 7Page - Analog Devices LTC2672 Datasheet HTML 8Page - Analog Devices LTC2672 Datasheet HTML 9Page - Analog Devices LTC2672 Datasheet HTML 10Page - Analog Devices LTC2672 Datasheet HTML 11Page - Analog Devices LTC2672 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Data Sheet
LTC2672
SPECIFICATIONS
analog.com
Rev. B | 8 of 27
Table 3. 2.85 V ≤ VCC ≤ 5.5 V and 1.71 V ≤ IOVCC ≤ 2.85 V (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
fSCK
SCK frequency (50% duty cycle, excludes SDO operation)
15
MHz
t13
TGP high time1
1
μs
t14
TGP low time1
1
μs
1 Guaranteed by design and not production tested.
Timing Diagrams
Figure 2. Timing Diagram for Serial Interface, LDAC, CLR, and Toggle Pins
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
X
X
X
X
X
X
X
C3
C2
C1
C0
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
X
D7
D6
D5
D4
D3
D2
D1
D0
CS/LD
SCK
SDI
32-BIT INPUT WORD
FAULT REGISTER (FR) BITS
COMMAND WORD
ADDRESS WORD
DATA WORD
PREVIOUS 24-BIT INPUT WORD + 8-BIT FAULT REGISTER
FR6
FR5
FR4
FR3
FR2
FR1
FR0
C3
C2
C1
C0
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
FR7
(HIGH-Z)
(HIGH-Z)
D7
D6
D5
D4
D3
D2
D1
D0
SDO
Figure 3. LTC2672 32-Bit Command Sequence
Figure 4. LTC2672 24-Bit Command Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com