Electronic Components Datasheet Search
  English  ▼

X  

LTC2686 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC2686
Description  8-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2686 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC2686 Datasheet HTML 30Page - Analog Devices LTC2686 Datasheet HTML 31Page - Analog Devices LTC2686 Datasheet HTML 32Page - Analog Devices LTC2686 Datasheet HTML 33Page - Analog Devices LTC2686 Datasheet HTML 34Page - Analog Devices LTC2686 Datasheet HTML 35Page - Analog Devices LTC2686 Datasheet HTML 36Page - Analog Devices LTC2686 Datasheet HTML 37Page - Analog Devices LTC2686 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Data Sheet
LTC2686
THEORY OF OPERATION
analog.com
Rev. A | 34 of 45
Write A/B Select Register
The command shown in Table 30 writes the A/B select register,
AB[7:0], controlling access to DAC Input Register A and DAC Input
Register B for each DAC channel.
Each of the 8 bits in AB[7:0] controls write access to the A or B
register for the respective DAC channel. Set ABx to 0 for DAC
Channel x to write to Input Register A, and set ABx to 1 to write to
Input Register B. The default value is 0x0000.
For example, AB7 = 0 gives write access to the A Input Register
of Channel 7, whereas AB7 = 1 gives write access to the B Input
Register of Channel 7.
Write Software Toggle Bit Register
The command shown in Table 31 writes the software toggle bit
register, TB[7:0]. Each of the 8 bits in TB[7:0] acts as a software
controlled toggle pin for the respective DAC channel. Note that the
transition of a toggle bit is defined by the CS/LD rising edge at the
end of the command frame. The default value is 0x0000.
Write Toggle/Dither Enable Register
The command shown in Table 33 writes the toggle/dither enable
register, EN[7:0]. Set ENx = 1 to enable toggle or dither functionality
for the DAC Channel x. Set ENx = 0 to disable toggle or dither
functionality. The default value is 0x0000. The toggle/dither enable
register is also used as a start or stop function for the dither
operation.
In toggle mode, disabling toggle connects the DAC channel to Input
Register A. In sinusoidal dither mode, disabling toggle causes the
DAC channel to finish the sine wave cycle before connecting to
Input Register A. This procedure requires the user to apply enough
dither clock cycles to complete the sine wave cycle after toggle
functionality is stopped.
Table 33. Write Toggle/Dither Enable Register, Command 11
Command
Code
Byte 1
Byte 2
Byte 3
0111 0100
X
EN7
X
EN6
X
EN5
X
EN4 X
EN3 X
EN2 X
EN1 X
EN0 X X C/X C/X C/X C/X C/X C/X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com